Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM84520DP Datasheet(PDF) 2 Page - ELAN Microelectronics Corp

Part # EM84520DP
Description  2-IN-ONE SCROLLING MOUSE CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM84520DP Datasheet(HTML) 2 Page - ELAN Microelectronics Corp

  EM84520DP Datasheet HTML 1Page - ELAN Microelectronics Corp EM84520DP Datasheet HTML 2Page - ELAN Microelectronics Corp EM84520DP Datasheet HTML 3Page - ELAN Microelectronics Corp EM84520DP Datasheet HTML 4Page - ELAN Microelectronics Corp EM84520DP Datasheet HTML 5Page - ELAN Microelectronics Corp EM84520DP Datasheet HTML 6Page - ELAN Microelectronics Corp EM84520DP Datasheet HTML 7Page - ELAN Microelectronics Corp EM84520DP Datasheet HTML 8Page - ELAN Microelectronics Corp EM84520DP Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
EM84520
2-IN-ONE SCROLLING MOUSE CONTROLLER
2
* This specification are subject to be changed without notice.
6.28.1999
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
FUNCTIONAL BLOCK DIAGRAM
PIN DESCRIPTIONS
OPT
I/O
INPUT: 200kohm pull low to VSS.
When OPT is connected to VDD, EM84520 will enter test mode. In test mode,
L will be the output of X1,while M will be the output of X2. Toggling R key can
change these output to be Y1,Y2 or Z1,Z2 respectively.
OUTPUT: 2kHz Z-axis LED driving source with A/D/E/F version.
"1"= VDD, "0"= floating
High duty is about 60us.
OSC.OUT
O
The RC oscillation clock output. Or 3mA sink current output for X, Y photo
emitters.
OSCR
I
Connect 50k
Ω±1% precise resistor for oscillation.
CLK/RTS
I/O
Connect to 8042 auxiliary port CLK line in PS/2 mode or connect directly to RS-
232C RTS pin in serial mode. Auto-detect the operating port by this pin.
DATA/RXD
I/O
Connect to 8042 auxiliary port DATA line in PS/2 mode or connect directly to RS-
232C RXD pin in serial mode.
R
I
Three key-switches inputs. 200k
Ω resistor pull low.
M
I/O
In Z-axis key mode, M key toggling can change the scrolling speed from low to
L
I/O
high.
X1
I
Three step dynamic input impedance. If OSC.OUT is not connected to LEDs, the
X2
I
dynamic input impedance will be off.
Y1
I
Use current comparator to measure photo-couples "ON", or "OFF".
Y2
I
Z1
I
Z-axis input.
Z2
I
Photo mode : Three steps dynamic input impedance. Current comparator input.
Key mode : 200 k
Ω resistor pull low. 7 levels increased by "M" key.
Voltage mode : 200 k
Ω resistor pull low. 7 levels voltage comparator.
Mechanical mode : 13.2k
Ω resistor pull low. Current comparator input.
VSS
Negative power.
VDD
Power line.
Symbol
I/O
Function
Z1
Z2
OPT
X1
X2
Y1
Y2
L
M
R
OSCR
OSC.OUT
C
O
M
P
A
R
A
T
O
R
M
O
T
I
O
N
D
E
T
E
C
T
O
R
D
E
B
O
U
N
C
E
COUNTER
COMMAND
STATUS
SYSTEM CLOCK
GENERATOR
RC
OSCILLATION
MULTIPLEXER
DATA
I/O
TIMING
CONTROLLER
COMPARATOR VOLTAGE
SENSOR
KEY-SWITCH
DETECTOR
Z-AXIS COUNTER
THREE TYPES SELECTOR
DATA/RXD
CLK/RTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com