Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2CU40R Datasheet(PDF) 1 Page - Altech corporation

Part # 2CU40R
Description  R-Series - UL1077 Supplementary Protector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

2CU40R Datasheet(HTML) 1 Page - Altech corporation

  2CU40R Datasheet HTML 1Page - Altech corporation 2CU40R Datasheet HTML 2Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Two Pole
Rated
Type/
Current
Cat. No.
0.5A
2CU05R
1.0A
2CU1R
2.0A
2CU2R
3.0A
2CU3R
4.0A
2CU4R
5.0A
2CU5R
6.0A
2CU6R
8.0A
2CU8R
10A
2CU10R
12A
2CU12R
13A
2CU13R
15A
2CU15R
16A
2CU16R
20A
2CU20R
25A
2CU25R
30A
2CU30R
32A
2CU32R
40A
2CU40R
50A
2CU50R
60A
2CU60R
63A
2CU63R
Standard Pack: 12
Weight:
0.5A - 63A: 1.6kg (3.54 lb.)
R-Series - UL1077 Supplementary Protector -
2 pole C-Trip
1
1.13 1.45
0.01
0.05
0.1
0.5
1
5
10
20
40
1
2
4
6
8
20
10
40
60
120
20
16
14
12
10
9
8
7
6
5
2
34
B, C and D Trip, Less than 10A
1
1.13 1.45
0.01
0.05
0.1
0.5
1
5
10
20
40
60
120
240
360
480
1200
600
2400
3600
7200
20
16
14
12
10
9
8
7
6
5
2
34
B, C and D Trip, 10A and higher
Multiple of Rated Current
Multiple of Rated Current
BC D
BC D
E301611
35 (1.38 in.)
44 (1.73 in.)
45 (1.77 in.)
6.5 (0.26 in.)
60 (2.36 in.)
77 (3.03 in.)
short circuit WithstAND rAtiNgs for
r-series supplemeNtAry protector
Backup Protection
Trip
Amp
UL-Listed
No Backup Fuse
Curve
Range
Class J Fuse
Required
up to 10kA
up to:
All
0.5 - 6A
4xRC*
10kA
All
8 - 63A
4xRC*
5kA
*up to nearest rated current
Voltage Rating
Short Circuit Withstand Rating
(UL - Ratings)
Interrupting Capacity
(IEC/EN60898/60947-2)
Calibration Temperature
Operating Temperature
Storage Temperature
Terminal Size Acceptability:
Solid Wire
Stranded Wire
Terminal Torque
Terminal Protection Degree
Vibration Resistance
480Y/277VAC
0.5-6A (RC): 10kA with no back-up fuse
8-63A (RC): 10kA with UL-listed
Class J back-up fuse; 5kA with no back-up fuse
0.5-63A (RC): 10kA
30°C (86°F)
-25° to 60°C (-13° to 140°F)
-25° to 75°C (-13° to 167°F)
18 AWG -10 AWG
18 AWG -3 AWG (Line/Load reversible)
2.8 Nm (25 lb-in.)
IP20
3g (18-50Hz)


Similar Part No. - 2CU40R

ManufacturerPart #DatasheetDescription
logo
Altech corporation
2CU40L ALTECH-2CU40L Datasheet
1Mb / 2P
L-Series - UL489 Miniature Molded Case Circuit Breaker
More results

Similar Description - 2CU40R

ManufacturerPart #DatasheetDescription
logo
Altech corporation
TR-11CX630.5A ALTECH-TR-11CX630.5A Datasheet
483Kb / 3P
UL1077 Recognized Supplementary Protector/ Circuit Breaker for Equipment
logo
Schurter Inc.
AS168X SCHURTER-AS168X Datasheet
203Kb / 9P
MANUAL MOTOR CONTROLLER AND SUPPLEMENTARY PROTECTOR
logo
Altech corporation
1CU05R ALTECH-1CU05R Datasheet
128Kb / 2P
R-Series - UL1077 Supplementary Protector
1DU05R ALTECH-1DU05R Datasheet
131Kb / 2P
R-Series - UL1077 Supplementary Protecto
2BU05R ALTECH-2BU05R Datasheet
140Kb / 2P
R-Series - UL1077 Supplementary Protector
2DU05R ALTECH-2DU05R Datasheet
142Kb / 2P
R-Series - UL1077 Supplementary Protector
3BU05R ALTECH-3BU05R Datasheet
142Kb / 2P
R-Series - UL1077 Supplementary Protector
3CU05R ALTECH-3CU05R Datasheet
142Kb / 2P
R-Series - UL1077 Supplementary Protector
3DU05R ALTECH-3DU05R Datasheet
143Kb / 2P
R-Series - UL1077 Supplementary Protector
logo
Schneider Electric
MG27338 SCHNEIDER-MG27338 Datasheet
52Kb / 1P
SUPPLEMENTARY PROTECTOR 277V 40A 1P
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com