Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM91465 Datasheet(PDF) 3 Page - ELAN Microelectronics Corp

Part # EM91465
Description  TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM91465 Datasheet(HTML) 3 Page - ELAN Microelectronics Corp

  EM91465 Datasheet HTML 1Page - ELAN Microelectronics Corp EM91465 Datasheet HTML 2Page - ELAN Microelectronics Corp EM91465 Datasheet HTML 3Page - ELAN Microelectronics Corp EM91465 Datasheet HTML 4Page - ELAN Microelectronics Corp EM91465 Datasheet HTML 5Page - ELAN Microelectronics Corp EM91465 Datasheet HTML 6Page - ELAN Microelectronics Corp EM91465 Datasheet HTML 7Page - ELAN Microelectronics Corp EM91465 Datasheet HTML 8Page - ELAN Microelectronics Corp EM91465 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
EM91465 SERIES
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
AND I.P.P. DETECT FUNCTION
3
* This specification are subject to be changed without notice.
9.24.1998
FUNCTIONAL BLOCK DIAGRAM
PIN DESCRIPTIONS
Symbol
Function
ROW1~ROW6
Keyboard scan pins of row group. In idle state (HKS is “High” and HFO is “Low”),
these pins stay “High impedance” level to prevent power consumption. Otherwise,
these pins switch to “High” level for detecting keyboard entry. These pins will output
600 Hz signal while keyboard is scanning.
COL1~COL3 and COL5
Keyboard scan pins of column group. In idle state, these pins stay “High impedance”
level. Otherwise these pins switch to “Low” level for detecting keyboard entry. These
pins will output 600 Hz signal while keyboard is scanning.
COL4/KT
The fourth column group pin of the keyboard that also provides the keytone output
. Normally, this pin stays “Low” level for detecting keyboard entry. After a valid
keyboard entry, this pin will output keying confirmation tone that is 600 Hz signal and
30 ms duration. To prevent signal interference, while DTMF issue, it will disable key
tone output except function key.
XIN and XOUT
Oscillator input and output pins. A 3.579545 MHz crystal or ceramic resonator must
be crossed connection to XIN and XOUT pins which generate system clock.
XMUTE
Input/Output structure pin. The output is a open drain structure. Input is schmitt trigger
structure. This pin will be input pin during ON-HOOK status for illegal parallel phone
detect input pin and will be output pin in OFF-HOOK condition for control speech
network .
V
DD and VSS
Positive and negative power supply input pins. Recommended operating voltage from
2.0Vdc to 5.5Vdc.
HFI
Handfree inputs pin which accepts falling edge signal to turn “on” or turn “off”
handfree function. This pin is hysteresis input structure and built-in pull up resistor
(typically 200 Kohms).
HFO
Handfree outputs pin that is designed to control telephone line for on-hook dialing or
control speakerphone circuit for handfree conversation. When handfree function is
executed, this pin will switch to“High”. Otherwise, this pin stays “Low” level.
DTMF
The DTMF (Dual Tone Multi-Frequency) signal output pin. Normally, this pin stays
“Low” level. In Tone dialing mode, this pin will output DTMF signal that is
corresponding to keyboard 0 .. 9, * and # keys.
COL1
COL2
COL3
COL4/KT
COL5
XIN
XOUT
ROW1
ROW6
HFO HDO
XMUTE
Keyboard
interface
(column)
Oscillator
Keyboard
interface
(Row)
Output circuit
Memory
Timing/Control circuit
Input circuit
Pulse
generator
latch
&
decoder
D/A
converter
Row/Column
programming counter
DTMF
PO
HKS
HFI
VDD
DRING
RMUTE
SDO
I/O circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com