Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P459 Datasheet(PDF) 4 Page - ELAN Microelectronics Corp

Part # EM78P459
Description  8-BIT MICRO-CONTROLLER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P459 Datasheet(HTML) 4 Page - ELAN Microelectronics Corp

  EM78P459 Datasheet HTML 1Page - ELAN Microelectronics Corp EM78P459 Datasheet HTML 2Page - ELAN Microelectronics Corp EM78P459 Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P459 Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P459 Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P459 Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P459 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P459 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P459 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 76 page
background image
EM78P458/459
OTP ROM
2. FEATURES
• Operating voltage range: 2.3V~5.5V
• Operating temperature range: 0
°C~70°C
• Operating frequency range(base on 2 clocks):
* Crystal mode: DC ~ 20MHz/2clks,5V; DC ~ 8MHz/2clks,3V
* RC mode: DC ~ 4MHz/2clks,5V; DC ~ 4MHz/2clks,3V
• Low power consumption:
* Less than 1.5 mA at 5V/4MHz
* Typically 15
µA, at 3V/32KHz
* Typically 1
µA, during sleep mode
• 4K
× 13 bits on chip ROM
• 84
× 8 bits on chip registers (SRAM)
• 2 bi-directional I/O ports
• 8 level stacks for subroutine nesting
• 8-bit real time clock/counter (TCC) with selective signal sources, trigger edges, and overflow interrupt
• 8-bit multichannel Analog-to-Digital Converter with 8-bit resolution
• Dual Pulse Width Modulation (PWM ) with 10-bit resolution
• One pair of comparators
• Power-down (SLEEP) mode
• Six available interruptions
* TCC overflow interrupt
* Input-port status changed interrupt (wake up from the sleep mode)
* External interrupt
* ADC completion interrupt
* PWM period match completion
* Comparator high interrupt
• Programmable free running watchdog timer
• 8 Programmable pull-down I/O pins
• 7 programmable pull-high I/O pins
• 8 programmable open-drain I/O pins
• Two clocks per instruction cycle
• Package types:
This specification is subject to change without prior notice.
06.25.2004 (V1.4)
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com