Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTC4513 Datasheet(PDF) 2 Page - Epson Company

Part # RTC4513
Description  Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

RTC4513 Datasheet(HTML) 2 Page - Epson Company

  RTC4513 Datasheet HTML 1Page - Epson Company RTC4513 Datasheet HTML 2Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
48
Real time clock module
Switching characteristics
Block diagram
Register table
Timing chart
Write mode
Read mode
t CKS
tDS
tRF
tRD
tRF
tRZ
Hi-z
tDH
t CS
t CH
t CKH
t CR
t WL
t WH
CLK
CLK
CLK
DATA
DATA
CE
CE
STD.P
VDD
GND
DATA
CLK
CE
OSC
Decoder
Address counter
Data buffer
Clock
& calender
Control register
CD,CE,CF
Address
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
A3
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
A2
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
A1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
A0
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Register
symbol
S1
S10
MI1
MI10
H1
H10
D1
D10
MO1
MO10
Y1
Y10
W
CD
CE
CF
D3
(MSB)
s8
f0
mi8
fr
h8
fr
d8
fr
mo8
fr
y8
y80
fr
30ADJ
t1
TEST
D2
s4
s40
mi3
mi40
h4
pm/am
d4
∗
mo4
y4
y40
w4
IRQ-F
t0
24/12
D1
s2
s20
mi2
mi20
h2
h20
d2
d20
mo2
y2
y20
w2
CAL/HW
INT/STND
STOP
D0
(LSB)
s1
s10
mi1
mi10
h1
h10
d1
d10
mo1
mo10
y1
y10
w1
HOLD
MASK
RESET
0 to 9
0 to 5
0 to 9
0 to 5
0 to 9
0 to 1,2
0 to 9
0 to 3
0 to 9
0 to 1
0 to 9
0 to 6
—
Register name
1-second digit register
10-second digit register
1-minute digit register
10-minute digit register
1-hour digit register
10-hour digit register
1-day digit register
10-day digit register
1-month digit register
10-month digit register
1-year digit register
10-year digit register
day of the week register
Control register D
Control register E
Control register F
Item
CLK “H” time
CLK “L” time
CE setup time
CE hold time
CE recovery time
CLK setup time
CLK hold time
Write data setup time
Write data hold time
Read data delay time
Read data disable delay time
CLK rise time/fall time
Symbol
tWH
tWL
tCS
tCH
tCR
tCKS
tCKH
tDS
tDH
tRD
tRZ
tRF
Condition
—
CL=50pF
—
Min.
300
150
200
300
20
50
—
Max.
—
250
100
20
Unit
ns
∗



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com