Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP749 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CP749
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CP749 Datasheet(HTML) 1 Page - Continental Device India Limited

  CP749 Datasheet HTML 1Page - Continental Device India Limited CP749 Datasheet HTML 2Page - Continental Device India Limited CP749 Datasheet HTML 3Page - Continental Device India Limited CP749 Datasheet HTML 4Page - Continental Device India Limited CP749 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
CP749
TO-92
Plastic Package
Use in Wide Variety of Industrial and Consumer Applications Including Lamp and Solenoid Drivers and
Audio Amplifier
Complementary CN649
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
UNITS
Collector Base Voltage
V
Collector Emitter Voltage
V
Emitter Base Voltage
V
Peak Pulse Current
A
Collector Current Continuous
A
Power Dissipation @ Ta=25ºC
W
Derate Above 25ºC
mW/ºC
Power Dissipation @ Ta=25ºC
W
Power Dissipation @ TC=25ºC
W
Operating and Storage Junction
Temperature Range
ºC
* Transistors mounted on printed circuit board. Lead Length 4mm, mounting pad for collector lead min
10mm x 10 mm, copper
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MAX
UNITS
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
V
Collector Base Voltage
VCBO
IC=100µA, IE=0
V
Emitter Base Voltage
VEBO
IE=100µA, IC=0
V
Collector Cut Off Current
ICBO
VCB=30V, IE=0
100
nA
VCB=30V, IE=0, Ta=100ºC
10
µA
Emitter Cut Off Current
IEBO
VEB=4V, IC=0
100
nA
Collector Emitter Saturation Voltage
**VCE (sat)
IC=1A, IB=100mA
0.3
V
IC=2A, IB=200mA
0.6
V
Base Emitter Saturation Voltage
**VBE (sat)
IC=1A, IB=100mA
1.25
V
Base Emitter on Voltage
**VBE (on)
IC=1A, VCE=2V
1.0
V
DC Current Gain
**hFE
IC=50mA,VCE=2V
IC=1A, VCE=2V
300
IC=2A, VCE=2V
IC=6A, VCE=2V
**Pulse Condition: Pulse Width = 300
µµs, Duty Cycle < 2%.
CP749_Rev2 211204E
0.9
7.2
70
MIN
Tj, Tstg
100
75
25
35
5.0
SYMBOL
VCBO
VCEO
VEBO
ICM
IC
PD
VALUE
35
25
5
6
2
10
- 65 to +150
*PD
1.1
PD
2.2
E B
C
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CP749

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP740V-2N5367 CENTRAL-CP740V-2N5367 Datasheet
325Kb / 3P
PNP - General Purpose Transistor Die 0.3 Amp, 40 Volt
R1 24-July 2019
logo
TE Connectivity Ltd
CP7417-000 TEC-CP7417-000 Datasheet
637Kb / 2P
Raychem S200 Shield Terminators
07/17
logo
Central Semiconductor C...
CP741V CENTRAL-CP741V Datasheet
42Kb / 1P
Small Signal Transistors PNP - Low VCE(SAT) Transistor Chip
CP741V-CMPT7410 CENTRAL-CP741V-CMPT7410 Datasheet
525Kb / 4P
PNP - Low VCE(SAT) Transistor Die 1.0 Amp, 25 Volt
R0 28-August 2018
CP741V CENTRAL-CP741V_10 Datasheet
409Kb / 2P
Small Signal Transistors PNP - Low VCE(SAT) Transistor Chip
More results

Similar Description - CP749

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA673 CDIL-CSA673 Datasheet
101Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SA1813 KEXIN-2SA1813 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1252 KEXIN-2SA1252 Datasheet
38Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1120 KEXIN-2SB1120 Datasheet
51Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1302 KEXIN-2SB1302 Datasheet
58Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SB1323 KEXIN-2SB1323 Datasheet
55Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1745 KEXIN-2SA1745 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1607 KEXIN-2SA1607 Datasheet
39Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1179 KEXIN-2SA1179 Datasheet
37Kb / 1P
PNP Epitaxial Planar Silicon Transistors
logo
Dongguan Pingjingsemi T...
BC807 PJSEMI-BC807 Datasheet
657Kb / 3P
PNP Silicon Epitaxial Planar Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com