Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP753 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CP753
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CP753 Datasheet(HTML) 2 Page - Continental Device India Limited

  CP753 Datasheet HTML 1Page - Continental Device India Limited CP753 Datasheet HTML 2Page - Continental Device India Limited CP753 Datasheet HTML 3Page - Continental Device India Limited CP753 Datasheet HTML 4Page - Continental Device India Limited CP753 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
CP752 / CP753
TO-92
Plastic Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Collector Emitter Saturation Voltage
*** VCE (sat)
IC=1A, IB=100mA
0.3
V
IC=2A, IB=200mA
0.5
V
Base Emitter Saturation Voltage
*** VBE (sat)
IC=1A, IB=100mA
1.25
V
Base Emitter on Voltage
*** VBE (on)
IC=1A, VCE=2V
1.0
V
DC Current Gain
*** hFE
IC=50mA,VCE=2V
70
IC=500mA,VCE=2V
100
300
IC=1A, VCE=2V
55
IC=2A, VCE=2V
25
Transition Frequency
fT
IC=100mA, VCE=5V, f=100MHz
100
MHz
Output Capacitance
Cobo
VCB=10V, IE=0, f=1MHz
30
pF
SWITCHING TIMES
DESCRIPTION
SYMBOL
TEST CONDITION
UNIT
Turn On Time
ton
ns
Turn Off Time
toff
ns
*** Measured under Pulse conditions. Pulse Width=300
µµs. Duty Cycle<2%
CP752_753Rev_2 211204E
TYP
40
600
IC=500mA, IB1=IB2=50mA,
VCC=10V
E B
C
Continental Device India Limited
Data Sheet
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com