Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP500 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CP500
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CP500 Datasheet(HTML) 2 Page - Continental Device India Limited

  CP500 Datasheet HTML 1Page - Continental Device India Limited CP500 Datasheet HTML 2Page - Continental Device India Limited CP500 Datasheet HTML 3Page - Continental Device India Limited CP500 Datasheet HTML 4Page - Continental Device India Limited CP500 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
CP500 / 501 / 502
CP503 / 504
TO-92
Plastic Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DYNAMIC CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
MAX
UNITS
Output Capacitance
Cobo
VCB=6V, IE=0, f=1MHz
6
pF
Noise Figure
NF
VCE=6V, IC=100µA, f=1KHz,
Rs=1.5kΩ
7
dB
Transition Frequency
fT
VCE=6V, IC=10mA,
f=100MHz
MHz
CP500_504Rev_1 211204E
MIN
150
E B
C
Continental Device India Limited
Data Sheet
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com