Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMBD914 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CMBD914
Description  HIGH SPEED SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMBD914 Datasheet(HTML) 1 Page - Continental Device India Limited

  CMBD914 Datasheet HTML 1Page - Continental Device India Limited CMBD914 Datasheet HTML 2Page - Continental Device India Limited CMBD914 Datasheet HTML 3Page - Continental Device India Limited CMBD914 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 4
HIGH SPEED SWITCHING DIODE
Marking
CMBD914 = 5D
ABSOLUTE MAXIMUM RATINGS
Continuous reverse voltage
VR
75 V
Forward current
IF
200 mA
Peak forward surge current
IFM(surge)
500 mA
RATINGS (at TA = 25 °C, unless otherwise specified)
Total Power Dissipation, TA = 25 °C
Pd*
225 mW
Storage Temperature
Tstg
–55 to +150 ° C
THERMAL RESISTANCE
From junction to ambient
Rth j–a
556 °C/W
CHARACTERISTICS (at TA = 25 °C, unless otherwise specified)
Reverse breakdown voltage
IR = 100 µAVBR
min.
100 V
Reverse voltage leakage current
VR = 20 V
IR
max.
25 nA
VR = 75 V
IR
max.
5
µA
* FR-5 Board = 1.0 × 0.75 × 0.62 in.
CMBD914
Pin configuration
1 = ANODE
2= NC
3 = CATHODE
2
3
1
SOT-23 Formed SMD Package
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CMBD914

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
CMBD914 RECTRON-CMBD914 Datasheet
17Kb / 1P
SURFACE MOUNT ZENER DIODE?
logo
Cystech Electonics Corp...
CMBD914N3 CYSTEKEC-CMBD914N3 Datasheet
149Kb / 4P
High -Speed switching diode
More results

Similar Description - CMBD914

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HYFH ROHM-BAV70HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com