Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9852C Datasheet(PDF) 2 Page - Alpha Wire

Part # 9852C
Description  Customer Specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

9852C Datasheet(HTML) 2 Page - Alpha Wire

  9852C Datasheet HTML 1Page - Alpha Wire 9852C Datasheet HTML 2Page - Alpha Wire 9852C Datasheet HTML 3Page - Alpha Wire 9852C Datasheet HTML 4Page - Alpha Wire 9852C Datasheet HTML 5Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Diameters (In)
1) Component 1
3 X 1 PAIR
a) Conductor
22 (7/30) AWG TC
0.030
b) Insulation
0.017" Wall, Nom. Foam HDPE
0.064
(1) Color(s)
Pair
Color
Pair
Color
Pair
Color
1
GREEN-BLUE
2
YELLOW-ORANGE
3
WHITE-BROWN
c) Pair
2/Cond Cabled Together
(1) Twists:
9.2 Twists/foot (min)
Individually Applied:
d) Shield:
Alum/Mylar Tape, 25% Overlap, Min.
(1) Foil Direction
Foil Facing Out
2) Component 2
1 X 1 PAIR
a) Conductor
20 (7/28) AWG TC
0.038
b) Insulation
0.010" Wall, Nom. PVC, Semi Rigid
0.058
(1) Color(s)
Pair
Color
Pair
Color
Pair
Color
1
BLACK-RED
c) Pair
2/Cond Cabled Together
(1) Twists:
9.6 Twists/foot (min)
Individually Applied:
d) Shield:
Alum/Mylar Tape, 25% Overlap, Min.
(1) Foil Direction
Foil Facing Out
3) Cable Assembly
4 Components Cabled
a) Twists:
3.2 Twists/foot (min)
4) Shield:
A/P/A Tape, 25% Overlap, Min.
a) Drain Wire
22 (7/30) AWG TC
b) Braid
TC,94% Coverage, Min.
5) Jacket
0.032" Wall, Nom.,PVC
0.375 (0.391 Max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 9852C
3PR 22AWG 1PR 20AWG SHIELDED 75C (UL) CM OR AWM
2919 LOW VOLTAGE COMPUTER CABLE OR C(UL) CMG FT4
SEQ FOOTAGE
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of manufacture.]
Applicable Specifications
1) UL
CM
75°C
AWM/STYLE 2919
80°C / 30 VRMS
2) CSA International
C(UL) TYPE CMG
75°C
FT4
Environmental



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com