Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL061CDT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TL061CDT
Description  Low power JFET single operational amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL061CDT Datasheet(HTML) 1 Page - STMicroelectronics

  TL061CDT Datasheet HTML 1Page - STMicroelectronics TL061CDT Datasheet HTML 2Page - STMicroelectronics TL061CDT Datasheet HTML 3Page - STMicroelectronics TL061CDT Datasheet HTML 4Page - STMicroelectronics TL061CDT Datasheet HTML 5Page - STMicroelectronics TL061CDT Datasheet HTML 6Page - STMicroelectronics TL061CDT Datasheet HTML 7Page - STMicroelectronics TL061CDT Datasheet HTML 8Page - STMicroelectronics TL061CDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
March 2009
Rev 3
1/16
16
TL061
Low power JFET single operational amplifiers
Features
Very low power consumption: 200 µA
Wide common-mode (up to VCC
+) and
differential voltage ranges
Low input bias and offset currents
Output short-circuit protection
High input impedance JFET input stage
Internal frequency compensation
Latch-up free operation
High slew rate: 3.5 V/µs
Description
The TL061 is a high-speed JFET input single
operational amplifier, that incorporates well-
matched, high-voltage JFET and bipolar
transistors in a monolithic integrated circuit.
The device features high slew rates, low input
bias and offset currents, and low offset voltage
temperature coefficient.
N
DIP8
(Plastic package)
D
SO-8
(Plastic micropackage)
1
2
3
4
8
6
5
7
1 - Offset null 1
2 - Inverting input
3 - Non-inverting input
4 - VCC
-
5 - Offset null 2
6 - Output
7 - VCC
+
8 - N.C.
Pin connections
(top view)
www.st.com


Similar Part No. - TL061CDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL061CD TI-TL061CD Datasheet
369Kb / 23P
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061CD TI-TL061CD Datasheet
975Kb / 39P
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL061CD STMICROELECTRONICS-TL061CD Datasheet
315Kb / 14P
LOW POWER J-FET SINGLE OPERATIONAL AMPLIFIER
27-Jul-2007
logo
Texas Instruments
TL061CD TI-TL061CD Datasheet
1Mb / 42P
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061CD TI-TL061CD Datasheet
1Mb / 42P
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TL061CDT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL062 MOTOROLA-TL062 Datasheet
207Kb / 12P
LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LF441C ONSEMI-LF441C Datasheet
209Kb / 10P
LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 Rev 0
logo
Texas Instruments
TL061 TI-TL061 Datasheet
369Kb / 23P
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35181 MOTOROLA-MC35181 Datasheet
417Kb / 9P
LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL061 TI-TL061_09 Datasheet
1Mb / 42P
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061 TI-TL061_10 Datasheet
1Mb / 42P
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL062CDT STMICROELECTRONICS-TL062CDT Datasheet
866Kb / 15P
Low-power JFET dual operational amplifiers
21-Sep-2012
TL062ACDT STMICROELECTRONICS-TL062ACDT Datasheet
866Kb / 15P
Low-power JFET dual operational amplifiers
21-Sep-2012
TL062IDT STMICROELECTRONICS-TL062IDT Datasheet
866Kb / 15P
Low-power JFET dual operational amplifiers
21-Sep-2012
logo
Texas Instruments
TL061 TI1-TL061 Datasheet
2Mb / 52P
Low-Power JFET-Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com