Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBL386151SHT Datasheet(PDF) 13 Page - Ericsson

Part # PBL386151SHT
Description  Subscriber Line Interface Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL386151SHT Datasheet(HTML) 13 Page - Ericsson

Back Button PBL386151SHT Datasheet HTML 9Page - Ericsson PBL386151SHT Datasheet HTML 10Page - Ericsson PBL386151SHT Datasheet HTML 11Page - Ericsson PBL386151SHT Datasheet HTML 12Page - Ericsson PBL386151SHT Datasheet HTML 13Page - Ericsson PBL386151SHT Datasheet HTML 14Page - Ericsson PBL386151SHT Datasheet HTML 15Page - Ericsson PBL386151SHT Datasheet HTML 16Page - Ericsson PBL386151SHT Datasheet HTML 17Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
PBL 386 15/1
13
Figure 12. Chart describing current in Vbat and Vbat2.
Figure 13. Chart describing Power dissipation with different Vbat2.
0
5
10
15
20
25
30
IB2
IB
∞ Ω
10000
Ω
7500
Ω
5000
Ω
2500
Ω
1000
Ω
0
Ω
mA
0
100
200
300
400
500
600
700
800
28 V
25 V
22 V
∞ Ω
10000
Ω
7500
Ω
5000
Ω
2500
Ω
1000
Ω
0
Ω
VBAT 2
mW
Battery Switch
To reduce short loop power dissipation, a
second battery voltage, Off-hook, must be
connected to the device via an external
diode at terminal VBAT2. The SLIC auto-
matically switches between the two battery
supply voltages without need for external
control. The silent battery switching to VBAT
occurs when the line current is below 5.5
mA. This means that the current in the On-
hook battery is limited to 6 mA. To calculate
the switching voltage use this formula (See
formula C in figure 17):
V
TR =| VB2 | -4.4 - 50 · ILProg
If metering is used see section Metering
Applications down below.
Connect the terminal VBAT2 to the
second power supply via the diode D
B2 in
figure 15. A diode D
BB connected between
VB and the VB2 power supply, see figure
15, will make sure that the SLIC continues
to work on the second battery even if the
first battery voltage disappears.
The current commute between the differ-
ent batteries as shown in figure 12, note
that some current is sourced from VB (typ.
0.5 mA, internal bias current) when the line
current is sourced from VB2. The next chart
(figure 13) is showing what power dissipa-
tion the SLIC is using with different batter-
ies and variation of the line.
Metering Applications, TTX
It is very easy to use PBL 386 15/1 in
metering applications; simply connect a
suitable resistor (R
TTX)
in series with a
capacitor (C
TTX) between pin RSN and the
metering source. Capacitor C
TTX decouples
all DC-voltages that may be superimposed
on the metering signal. The metering signal
gain can be calculated from the equation:
G
4-2TTX =
V
TR
=
V
TTX
Z
T
.
Z
LTTX
R
TTX
Z
T + G2-4S . (ZLTTX + 2RF)
α
RSN
where:
V
TTX
is the wanted metering voltage
between the TIP and RING terminals
Z
LTTX is the line impedance seen by the 12
or 16 kHz metering signal,
G
2-4S is the transmit gain through the SLIC,
i e 0.5.
It is possible to mix voice voltage and
metering voltage up to 2.5 Vpeak (1.7 Vrms),
using AOV. Use following formula to
calculate the switching voltage of the Battery
Switch to get enough signal space.
V
TR =| VB2 | -3.4 -Vvoice-VTTX- 50 · ILProg
where:
V
voice is the voice voltage, normaly 1 Vpeak
V
TTX
is the the metering voltage in peak.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com