Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTFD19B Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # UTFD19B
Description  The plastic circular connector with metal locking
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UTFD19B Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button UTFD19B Datasheet HTML 7Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 8Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 9Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 10Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 11Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 12Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 13Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 14Page - List of Unclassifed Manufacturers UTFD19B Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
11
UTG Series
One of the key factors which affects the performance of a connec-
tor, is the way contacts are terminated. Crimped connections are
nowadays seen as the best solution to ensure quality throughout the
lifetime of the product. Here are some reasons why we recommend
this method of termination for UTG connectors:
Advantages (Extract from the IEC 60352-2):
- Efficient processing of connections at each production level
- Processing by fully-automatic or semi- automatic crimping
machines, or with hand operated tools
- No cold-soldered joints
- No degradation of the spring characteristic of female contacts
by the soldering temperature
- No health risk from heavy metal and flux steam
- Preservation of conductor flexibility behind the crimped
connection
- No burnt, discolored and overheated wire insulation
- Good connections with reproducible electrical and mechanical
performances
- Easy production control.
To ensure that the crimp tooling is performing according tooriginal
specifications, it is important to carry out regular checks. A com-
mon way to check the performance of tooling is with a simple pull
test, ideally using a dedicated electric pull tester. Minimum recom-
mended full forces are indicated in the tables below:
Active
contact
part
Contact type
Die
location
on heads
Wire
section
range
Section
(mm²)
Tensile
straight
test (mini)
Height
(Mm)
H (±0.075)
Width
(Mm)
W (±0.075)
Head's P/N
Machined
contacts
size 20
RM/RC 24W3*
26/24
AWG 26
0.12 min
15 N
0.95
1.27
S20RCM
AWG 24
0.25 max
32 N
RM/RC 20W3*
22/20
AWG 22
0.32 min
40 N
1.26
1.78
AWG 20
0.50 max
60 N
RM/RC 18W3*
20/18
AWG 20
0.50 max
60 N
1.35
1.86
AWG 18
0.82 max
90 N
S & F
contacts
size 20
SM/SC 24WL3TK6*
26/24
AWG 26
0.12 min
15 N
0.80
1.49
S20SCM20
AWG 24
0.25 max
32 N
SM/SC 20WL3TK6*
22/20
AWG 22
0.32 min
40 N
1.01
1.53
AWG 20
0.50 max
60 N
Machined
contacts
size 16
RM/RC 28M1K*
30/28
AWG 30
0.05 min
11 N
1.14
1.41
S16RCM20
AWG 28
0.08 max
11 N
RM/RC 24M9K*
26/24
AWG 26
0.12 min
15 N
1.15
1.41
AWG 24
0.25 max
32 N
RM/RC 20M13K*
22/20
AWG 22
0.32 min
40 N
1.26
1.76
AWG 20
0.50 max
60 N
RM/RC 20M12K*
AWG 22
0.32 min
40 N
AWG 20
0.50 max
60 N
RM/RC 16M23K*
20
AWG 20
0.50 max
60 N
1.66
2.18
S16RCM16
18
AWG 18
0.82 max
90 N
1.80
2.28
16
AWG 16
1.50 max
150 N
1.96
2.43
RM/RC 14M30K*
16
AWG 16
1.50 min
150 N
2.10
2.68
S16RCM14
14
AWG 14
2.50 min
230 N
2.30
2.78
S & F
contacts
size 16
SM/SC 24ML1TK6*
26/24
AWG 26
0.12 min
15 N
0.84
1.50
S16SCM20
AWG 24
0.25 max
32 N
SM/SC 20ML1TK6*
22/20
AWG 22
0.32 min
40 N
1.02
1.54
AWG 20
0.50 max
60 N
SM/SC
16ML11TK6*
18
AWG 18
0.82 min
90 N
1.32
2.09
S16SCML11
16
AWG 16
1.50 max
150 N
1.36
2.10
SM/SC 16ML1TK6*
18
AWG 18
0.82 min
90 N
1.49
2.02
S16SCML1
16
AWG 16
1.50 max
150 N
1.7
2.05
SM/SC14ML1TK6*
14
AWG 14
2.50 max
230 N
1.79
2.58
(1): example of plating, for other plating see page 13
WW
Machined
contact
Stamped & Formed
contact
Crimping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com