Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UD8KBA80 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # UD8KBA80
Description  Bridge Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

UD8KBA80 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  UD8KBA80 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd UD8KBA80 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd UD8KBA80 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd UD8KBA80 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
外形図については新電元Webサイトをご参照下さい。捺印表示については捺
印仕様をご確認下さい。
Fordet
ai
l
soft
heout
l
i
nedi
mensi
ons,r
ef
ert
oourweb si
t
e.Asf
ort
he
mar
ki
ng,r
ef
ert
ot
hespeci
f
i
cat
i
on"Mar
ki
ng,Ter
mi
nalConnect
i
on".
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
Uni
t
:mm
UD8KBA80
800V8A
■外観図 OUTLI
NE
Package:D3K
3.1
① ②③④
13.8
① ②④
③
+∼
−
∼
0000
U8KA8
+∼ ∼ −
Type No.
品名略号
Polarity
極性
Date code
ロット記号(例)
Control No.
管理番号(例)
単位
Uni
t
規格値
Rat
i
ngs
条 件
Condi
t
i
ons
記号
Symbol
項
目
I
t
em
℃
-55~150
Tstg
保存温度
St
or
ageTemper
at
ur
e
℃
150
Tj
接合部温度
Oper
at
i
onJunct
i
onTemper
at
ur
e
V
800
VRM
せん頭逆電圧
Maxi
mum Rever
seVol
t
age
A
8
Tc=126℃
フィン付き
Wi
t
hheat
si
nk
60Hz正弦波,抵抗負荷
60Hzsi
newave,Resi
st
ancel
oad
Io
出力電流
Aver
ageRect
i
f
i
edFor
war
dCur
r
ent
1.
4
Ta=25℃
フィンなし
Wi
t
houtheat
si
nk
A
165
60Hz正弦波,非繰り返し1サイクルせん頭値,Tj=25℃
60Hzsi
newave,Non-
r
epet
i
t
i
ve1cycl
epeakval
ue,Tj
=25˚
C
IFSM
せん頭サージ順電流
PeakSur
geFor
war
dCur
r
ent
270
tp=3ms,Tj=25℃,非繰り返し
t
p=3ms,Tj
=25˚
C,Non-
r
epet
i
t
i
ve
IFSM1
A2s
110
3ms≦t<8.
3ms,Tj=25℃
I2t
電流二乗時間積
Cur
r
entSquar
edTi
me
kV
2
一括端子・ケース間,AC1分間印加
Ter
mi
nal
st
ocase,AC1mi
nut
e
Vdi
s
絶縁耐圧
Di
el
ect
r
i
cSt
r
engt
h
N・m
0.
8
(推奨値:0.
5N・m)
(
Recommendedt
or
que:0.
5N
・m)
TOR
締め付けトルク
Mount
i
ngTor
que
■定格表 RATI
NGS
●絶対最大定格 Absol
ut
eMaxi
mum Rat
i
ngs
(指定のない場合 Tc=25℃)
V
MAX
1.
05
パルス測定,1素子当りの規格値
Pul
semeasur
ement
,Perdi
ode
IF=4A,
VF
順電圧
For
war
dVol
t
age
μA
MAX
10
パルス測定,1素子当りの規格値
Pul
semeasur
ement
,Perdi
ode
VR=800V,
IR
逆電流
Rever
seCur
r
ent
℃/W
MAX
1.
5
接合部・ケース間,フィン付き
Junct
i
ont
ocase,wi
t
hheat
si
nk
θjc
熱抵抗
Ther
malResi
st
ance
MAX
15
接合部・リード間,フィンなし
Junct
i
ont
ol
ead,wi
t
houtheat
si
nk
θjl
MAX
55
接合部・周囲間,フィンなし
Junct
i
ont
oambi
ent
,wi
t
houtheat
si
nk
θja
●電気的・熱的特性 El
ect
r
i
calChar
act
er
i
st
i
cs
(指定のない場合 Tc=25℃)
(J534-P〈2010.
06〉)
SI
P
Br
i
dgeDi
ode
特長
煙
高耐圧
煙
高I
FSM
煙
ULE142422
Feat
ur
e
煙
Hi
ghVol
t
age
煙
Lar
geI
FSM
煙
ULE142422


Similar Part No. - UD8KBA80

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
UD8KBA80 ZSELEC-UD8KBA80 Datasheet
119Kb / 2P
8.0A BRIDGE RECTIFIER
More results

Similar Description - UD8KBA80

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
LL25XB60 SHINDENGEN-LL25XB60 Datasheet
131Kb / 2P
Bridge Diode
logo
Clare, Inc.
CPC7557 CLARE-CPC7557 Datasheet
427Kb / 5P
Diode Bridge
logo
Shindengen Electric Mfg...
D50JCB80V SHINDENGEN-D50JCB80V Datasheet
168Kb / 4P
Bridge Diode
S1NBB80 SHINDENGEN-S1NBB80 Datasheet
335Kb / 4P
Bridge Diode
D6JBB60V SHINDENGEN-D6JBB60V Datasheet
198Kb / 4P
Bridge Diode
D10JBB60V SHINDENGEN-D10JBB60V Datasheet
198Kb / 4P
Bridge Diode
D15XB60H SHINDENGEN-D15XB60H Datasheet
436Kb / 4P
Bridge Diode
D75JFT80V SHINDENGEN-D75JFT80V Datasheet
822Kb / 4P
Bridge Diode
S1NB60 SHINDENGEN-S1NB60_17 Datasheet
304Kb / 4P
Bridge Diode
S1WBA60 SHINDENGEN-S1WBA60_17 Datasheet
328Kb / 4P
Bridge Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com