Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6516 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # 2N6516
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N6516 Datasheet(HTML) 2 Page - Continental Device India Limited

  2N6516 Datasheet HTML 1Page - Continental Device India Limited 2N6516 Datasheet HTML 2Page - Continental Device India Limited 2N6516 Datasheet HTML 3Page - Continental Device India Limited 2N6516 Datasheet HTML 4Page - Continental Device India Limited 2N6516 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
2N6515, 2N6519
2N6516, 2N6520
2N6517
TO-92
Plastic Package
DESCRIPTION
SYMBOL TEST CONDITION
MIN
MAX
UNIT
Collector Cut off Current
ICBO
2N6515
VCB =150V, IE=0
50
nA
2N6516, 6519
VCE=200V, IE=0
50
nA
2N6517, 6520
VCE=250V, IE=0
50
nA
Emitter Cut off Current
IEBO
NPN
VEB=5V, IC=0
50
nA
PNP
VEB=4V, IC = 0
50
nA
DC Current Gain
µA
hFE*VCE=10V,IC=1mA
2N6515
35
2N6516, 6519
30
2N6517, 6520
20
2N6515
VCE=10V,IC=10mA
50
2N6516, 6519
45
2N6517, 6520
30
2N6515
VCE=10V,IC=30mA
50
300
2N6516, 6519
45
270
2N6517, 6520
30
200
2N6515
VCE=10V,IC=50mA
45
220
2N6516, 6519
40
200
2N6517, 6520
20
200
2N6515
VCE=10V,IC=100mA
25
2N6516, 6519
20
2N6517, 6520
15
Base Emitter Saturation Voltage
VBE(sat)* IC=10mA,IB=1mA
0.75
V
IC=20mA,IB= 2mA
0.85
V
IC=30mA,IB= 3mA
0.90
V
Collector Emitter Saturation Voltage
VCE(sat)* IC=10mA,IB=1mA
0.3
V
IC=20mA,IB=2mA
0.35
V
IC=30mA,IB=3mA
0.50
V
IC=50mA,IB=5mA
1.0
V
Base Emitter on Voltage
VBE (on)* IC=100mA, VCE=10V
2.0
V
Continental Device India Limited
Data Sheet
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com