Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3B16233 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3B16233
Description  3.3V, 16-Bit to 32-Bit FET Mux/DeMux NanoSwitch?
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B16233 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3B16233 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B16233 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B16233 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B16233 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3B16233 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
PS8171F
05/09/06
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Features
• 5-ohm Switch Connection Between Two Ports
• Near-Zero Propagation Delay
• Fast Switching Speed: 4.5ns (max.)
• Ultra -Low Quiescent Power (0.2mA typ.)
– Ideal for notebook applications.
• Industrial Operating Temperature: –40ºC to 85ºC
• Package (Pb-free & Green available):
– 56-pin 240-mil wide plastic TSSOP (A)
– 56-pin300-milwideplasticSSOP(V)
Description
PericomSemiconductor’sPI3B16233isa16-bitto32-bitmux/demux
switch. This device can be used for memory bank interleaving. The
PI3B16233 can be used as two 8-bit to 16-bit multiplexers or as one
16-bit to 32-bit multiplexer.
Two select inputs (SEL1 and SEL2) control the data flow. When the
TEST inputs are asserted HIGH, the A port is connected to both the
B1 and the B2 ports.
PI3B16233
3.3V, 16-Bit to 32-Bit FET
Mux/DeMux NanoSwitch™
Block Diagram
Function Table
PinConfiguration
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
25
26
27
28
32
31
30
29
1
B1
1
B2
2
A
3
B1
3
B2
4
A
5
B1
5
B2
VCC
GND
6
A
8
A
10
A
12
A
7
B1
7
B2
9
B1
9
B2
11
B1
11
B2
14
A
13
B1
13
B2
16
A
15
B1
15
B2
SEL1
SEL2
1
A
2
B1
2
B2
3
A
5
A
4
B2
4
B1
6
B1
6
B2
VCC
GND
7
A
8
B1
8
B2
9
A
10
B1
10
B2
12
B1
12
B2
11
A
13
A
14
B1
14
B2
15
A
16
B1
16
B2
TEST1
TEST2
s
t
u
p
n
I
n
o
i
t
c
n
u
F
L
E
ST
S
E
T
LL
1
B
=
A
HL
2
B
=
A
XH
2
B
=
A
d
n
a
1
B
=
A
SEL1
TEST1
30
155
56
27
1A
One of Eight
Channels
1B2
1B1
SEL2
TEST2
29
15
41
42
28
9A
One of Eight
Channels
9B2
9B1
AB
S
SW
SW
SW
SW
SW
07-0010


Similar Part No. - PI3B16233

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B16233 PERICOM-PI3B16233 Datasheet
254Kb / 5P
3.3V, 16-Bit to 32-Bit FET
PI3B16233A PERICOM-PI3B16233A Datasheet
254Kb / 5P
3.3V, 16-Bit to 32-Bit FET
PI3B16233AE PERICOM-PI3B16233AE Datasheet
254Kb / 5P
3.3V, 16-Bit to 32-Bit FET
PI3B16233V PERICOM-PI3B16233V Datasheet
254Kb / 5P
3.3V, 16-Bit to 32-Bit FET
PI3B16233VE PERICOM-PI3B16233VE Datasheet
254Kb / 5P
3.3V, 16-Bit to 32-Bit FET
More results

Similar Description - PI3B16233

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B16233 PERICOM-PI3B16233 Datasheet
254Kb / 5P
3.3V, 16-Bit to 32-Bit FET
PI3B32160 PERICOM-PI3B32160 Datasheet
185Kb / 4P
3.3V, Low Capacitance 16-Bit to 32-Bit, DeMux NanoSwitch??with Precharged Outputs
PI3B16224 PERICOM-PI3B16224 Datasheet
100Kb / 3P
DeMux/Mux NanoSwitch
PI3B16224 PERICOM-PI3B16224 Datasheet
67Kb / 3P
3.3V, 12-Bit to 24-Bit DeMux/Mux NanoSwitch
PI3B16226 PERICOM-PI3B16226 Datasheet
186Kb / 3P
3.3V, Low Capacitance 12-Bit to 24-Bit Mux/DeMux NanoSwitch
PI3C16234 PERICOM-PI3C16234 Datasheet
333Kb / 4P
3.3V, High Bandwidth, 16-Bit to 32-Bit Mux/Demux BusSwitch
PI3B16232 PERICOM-PI3B16232 Datasheet
163Kb / 3P
3.3V, Synchronous 16-Bit to 32-Bit FET Mux/Demux BusSwitch
PI3B4010 PERICOM-PI3B4010 Datasheet
219Kb / 6P
3.3V, High-Bandwidth, 40:10-Bit DDR Mux/Demux NanoSwitch
PI3B33X257 PERICOM-PI3B33X257_04 Datasheet
379Kb / 4P
3.3V, 24:12 Mux/DeMux NanoSwitch
PI3B3251 PERICOM-PI3B3251_09 Datasheet
342Kb / 5P
3.3V, 8:1 Mux/DeMux NanoSwitch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com