Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87LPC764FN Datasheet(PDF) 3 Page - NXP Semiconductors

Part # P87LPC764FN
Description  Low power, low price, low pin count (20 pin) microcontroller with 4 kbyte OTP
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC764FN Datasheet(HTML) 3 Page - NXP Semiconductors

  P87LPC764FN Datasheet HTML 1Page - NXP Semiconductors P87LPC764FN Datasheet HTML 2Page - NXP Semiconductors P87LPC764FN Datasheet HTML 3Page - NXP Semiconductors P87LPC764FN Datasheet HTML 4Page - NXP Semiconductors P87LPC764FN Datasheet HTML 5Page - NXP Semiconductors P87LPC764FN Datasheet HTML 6Page - NXP Semiconductors P87LPC764FN Datasheet HTML 7Page - NXP Semiconductors P87LPC764FN Datasheet HTML 8Page - NXP Semiconductors P87LPC764FN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
Philips Semiconductors
Product data
P87LPC764
Low power, low price, low pin count (20 pin)
microcontroller with 4 kbyte OTP
2003 Sep 03
2
ORDERING INFORMATION
Type number
Package
Name
Description
Frequency
Temperature
Range (
°C)
Version
P87LPC764BD/01
SO20
plastic small outline package; 20 leads; body width
7.5 mm
20 MHz (5 V),
10 MHz (3 V)
0 to +70
SOT163-1
P87LPC764BD
SO20
plastic small outline package; 20 leads; body width
7.5 mm
20 MHz (5 V),
10 MHz (3 V)
0 to +70
SOT163-1
P87LPC764BDH/01
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
20 MHz (5 V)
10 MHz (3 V)
0 to +70
SOT360-1
P87LPC764BDH
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
20 MHz (5 V)
10 MHz (3 V)
0 to +70
SOT360-1
P87LPC764BN
DIP20
plastic dual in-line package; 20 leads (300 mil)
20 MHz (5 V),
10 MHz (3 V)
0 to +70
SOT146-1
P87LPC764FN
DIP20
plastic dual in-line package; 20 leads (300 mil)
20 MHz (5 V),
10 MHz (3 V)
–40 to +85
SOT146-1
P87LPC764FD
SO20
plastic small outline package; 20 leads; body width
7.5 mm
20 MHz (5 V),
10 MHz (3 V)
–40 to +85
SOT163-1
P87LPC764FDH
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
20 MHz (5 V),
10 MHz (3 V)
–40 to +85
SOT360-1
P87LPC764HDH
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
16 MHz (5 V)
–40 to +125
SOT360-1
DEVICE COMPARISON TABLE1
Part type
Internal RC oscillator
P87LPC764BD/01, BDH/01
±2.5% to 5%
P87LPC764BDH, HDH
±10%
P87LPC764BD, BN, FN, FD, FDH
±25%
NOTE:
1. Please see AC and DC characteristics for more details.
PIN CONFIGURATION, 20-PIN DIP, SO, AND TSSOP PACKAGES
SU01149
1
2
3
4
5
6
7
8
9
11
12
13
14
15
16
17
18
19
20
CMP2/P0.0
P1.7
P1.6
RST/P1.5
VSS
X1/P2.1
X2/CLKOUT/P2.0
INT1/P1.4
SDA/INT0/P1.3
SCL/T0/P1.2
P0.1/CIN2B
P0.2/CIN2A
P0.3/CIN1B
P0.4/CIN1A
P0.5/CMPREF
VDD
P0.6/CMP1
P1.0/TxD
P0.7/T1
P1.1/RxD
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com