Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3048 Datasheet(PDF) 8 Page - Alpha Wire

Part # 3048
Description  Hook-Up Wire
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

3048 Datasheet(HTML) 8 Page - Alpha Wire

Back Button 3048 Datasheet HTML 4Page - Alpha Wire 3048 Datasheet HTML 5Page - Alpha Wire 3048 Datasheet HTML 6Page - Alpha Wire 3048 Datasheet HTML 7Page - Alpha Wire 3048 Datasheet HTML 8Page - Alpha Wire 3048 Datasheet HTML 9Page - Alpha Wire 3048 Datasheet HTML 10Page - Alpha Wire 3048 Datasheet HTML 11Page - Alpha Wire 3048 Datasheet HTML 12Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
384
Wire > Hook-Up Wire > 600 V
Hook-Up Wire
600 V, PVC
MIL-DTL-16878/1 (Type B)
MIL-W-76 Type LW
Operating Temperature
• -55°C to +105°C
Materials
• Stranded or solid tinned
copper conductor
• PVC insulation
Availability
100 ft (30.5 m)
1000 ft (305 m)
Part No.
Wire Size
Stranding
Insulation
Thickness
Nominal
Diameter
Colors
AWG
mm2
AWG
mm
Inch
mm
Inch
mm
1850
32
0.03
7/40
7 x 0.08
0.010
0.25
0.029
0.74
Z1, 1 - 6
1851*
30
0.06
7/38
7 x 0.10
0.010
0.25
0.032
0.81
Z1, 1 - 6
1852*
28
0.09
7/36
7 x 0.12
0.010
0.25
0.035
0.89
Z1, 1 - 10
1853*
26
0.14
7/34
7 x 0.16
0.010
0.25
0.039
0.99
Z1, 1 - 19
172619
26
0.15
19/38
19 x 0.10
0.010
0.25
0.040
1.02
Z2, 0 - 9
1854*
24
0.23
7/32
7 x 0.20
0.010
0.25
0.044
1.12
Z1, 1 - 19
1854/19
24
0.24
19/36
19 x 0.13
0.010
0.25
0.045
1.14
Z1, 1 - 19
1855
22
0.35
7/30
7 x 0.25
0.010
0.25
0.050
1.27
Z1, 1 - 19
1855/19
22
0.38
19/34
19 x 0.16
0.010
0.25
0.052
1.32
Z1, 1 - 19
1856*
20
0.56
7/28
7 x 0.32
0.010
0.25
0.058
1.47
Z1, 1 - 19
1856/19
20
0.62
19/32
19 x 0.20
0.010
0.25
0.060
1.52
Z1, 1 - 19
1857
18
0.90
7/26
7 x 0.40
0.010
0.25
0.068
1.73
Z1, 1 - 19
1857/19
18
0.96
19/30
19 x 0.25
0.010
0.25
0.070
1.78
Z1, 1 - 19
1858/19
16
1.23
19/29
19 x 0.29
0.010
0.25
0.076
1.93
Z1, 1 - 19
1859/19
14
1.94
19/27
19 x 0.36
0.010
0.25
0.091
2.31
Z1, 1 - 10
*Also meets MIL-W-76 Type LW.
Insulation Colors Z1
1 White
5 Yellow
9 Slate
13 White/Green
17 White/Orange
2 Black
6 Blue
10 Violet
14 White/Yellow
18 White/Slate
3 Red
7 Brown
11 White/Black
15 White/Blue
19 White/Violet
4 Green
8 Orange
12 White/Red
16 White/Brown
Insulation Colors Z2
0 Black
4 Yellow
8 Slate
1 Brown
5 Green
9 White
2 Red
6 Blue
3 Orange
7 Violet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com