Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHN22012N Datasheet(PDF) 3 Page - International Rectifier

Part # AHN22012N
Description  Slim and compact size
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHN22012N Datasheet(HTML) 3 Page - International Rectifier

  AHN22012N Datasheet HTML 1Page - International Rectifier AHN22012N Datasheet HTML 2Page - International Rectifier AHN22012N Datasheet HTML 3Page - International Rectifier AHN22012N Datasheet HTML 4Page - International Rectifier AHN22012N Datasheet HTML 5Page - International Rectifier AHN22012N Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
HN (AHN)
ASCTB5E 201212-T
RATING
1. Coil data
1) DC coils
2) AC coils (50/60Hz)
2. Specifications (Plug-in Standard type and TM type)
Notes: *1. This value can change due to the switching frequency, environmental conditions and desired reliability level, therefore it is recommended to check this with the
actual load.
*2. For the AC coil types, the operate/release time will differ depending on the phase.
*3. The upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. Refer to Usage, transport and storage
conditions in NOTES.
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal coil current
[
±20%]
Coil resistance
(at 20
°C 68°F)
Nominal operating
power
Max. applied voltage
(at 20
°C 68°F)
5V DC
70%V or less of
nominal voltage
(Initial)
15%V or more of
nominal voltage
(Initial)
106.4mA
47
Ω [±10%]
0.53W
170%V of
nominal voltage
6V DC
88.2mA
68
Ω [±10%]
12V DC
44.4mA
270
Ω [±10%]
24V DC
22.0mA
1,090
Ω [±10%]
48V DC
11.0mA
4,350
Ω [±10%]
100V DC
5.3mA
18,870
Ω [±10%]
110V DC
4.8mA
22,830
Ω [±10%]
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal coil current [
±20%]
Nominal operating power
Max. applied voltage
(at 20
°C 68°F)
50Hz
60Hz
50Hz
60Hz
12V AC
80%V or less of
nominal voltage
(Initial)
30%V or more of
nominal voltage
(Initial)
93mA
75mA
Approx.
1.1 to 1.4 V A
Approx.
0.9 to 1.2 V A
140%V of
nominal voltage
24V AC
46.5mA
37.5mA
100/110V AC
11.0/13.0mA
9.0/10.6mA
110/120V AC
10.0/11.8mA
8.2/9.7mA
200/220V AC
5.5/6.5mA
4.5/5.3mA
220/240V AC
5.0/5.9mA
4.1/4.8mA
Characteristics
Item
Specifications
Contact
Arrangement
1 Form C
2 Form C
1 Form A (TM type)
Contact resistance (Initial)
Max. 100 m
Ω
(By voltage drop 6 V DC 1A)
Max. 50 m
Ω
(By voltage drop 6 V DC 1A)
Max. 100 m
Ω
(By voltage drop 6 V DC 1A)
Contact material
AgSnO2 type
AgNi type
AgSnO2 type
Rating
Nominal switching capacity (resistive load)
10A 250V AC, 10A 30V DC
5A 250V AC, 5A 30V DC
16A 250V AC, 16A 30V DC
Max. switching power (resistive load)
4,000VA, 300W
1,250VA, 150W
4,000VA, 480W
Max. switching voltage
250V AC, 30V DC
Max. switching current
16A (at AC load),
10A (at DC load)
5A
16A
Nominal operating power
0.53W, 0.9VA
Min. switching capacity (Reference value)*1
100mA 5V DC
1mA 1V DC
100mA 5V DC
Electrical
characteristics
Insulation resistance (Initial)
Min. 1,000M
Ω (at 500V DC) Measurement at same location as “Breakdown voltage” section.
Breakdown voltage
(Initial)
Between open contacts
1,000 Vrms for 1min. (Detection current: 10mA.)
Between contact sets
—
3,000 Vrms for 1min.
(Detection current: 10mA.)
—
Between contact and coil
5,000 Vrms for 1min. (Detection current: 10mA.)
Temperature rise (coil) (at 70
°C 158°F)
Max. 60
°C 140°F (By resistive method, nominal coil voltage)
Operate time (at 20
°C 68°F)*2
Max. 15ms (Nominal coil voltage applied to the coil, excluding contact bounce time.)
Release time (at 20
°C 68°F)*2
Max. 5ms (Nominal coil voltage applied to the coil, excluding contact bounce time.) (without
diode)/Max. 20ms (with diode)
Mechanical
characteristics
Shock resistance
Functional
Min. 100 m/s2 (Half-wave pulse of sine wave: 11 ms; detection time: 10
µs.)
Destructive
Min. 1,000 m/s2 (Half-wave pulse of sine wave: 6 ms.)
Vibration resistance
Functional
10 to 55 Hz at double amplitude of 1.5 mm (Detection time: 10
µs.)
Destructive
10 to 55 Hz at double amplitude of 1.5 mm
Expected life
Mechanical
AC: Min. 107; DC: Min. 2
×107 (at 300 times/min.)
Electrical (at nominal switching capacity)
Min. 105 (at 20 times/min.)
Min. 105 (at 10 times/min.)
Conditions
Conditions for operation, transport and storage*3
(Not freezing and condensing at low temperature)
Ambient temperature: –40
°C to +70°C –40°F to +158°F
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Max. Operating speed
20 times/min. (at nominal switching capacity)
10 times/min.
(at nominal switching capacity)
Unit weight
Approx. 19 g .67 oz
Approx. 17 g .60 oz
Approx. 19 g .67 oz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com