Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5035 Datasheet(PDF) 3 Page - ams AG

Part # AS5035
Description  PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5035 Datasheet(HTML) 3 Page - ams AG

  AS5035 Datasheet HTML 1Page - ams AG AS5035 Datasheet HTML 2Page - ams AG AS5035 Datasheet HTML 3Page - ams AG AS5035 Datasheet HTML 4Page - ams AG AS5035 Datasheet HTML 5Page - ams AG AS5035 Datasheet HTML 6Page - ams AG AS5035 Datasheet HTML 7Page - ams AG AS5035 Datasheet HTML 8Page - ams AG AS5035 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AS5035 – 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
Revision 1.5
www.austriamicrosystems.com
Page 2 of 17
AS5035
Sin
Cos
Ang
Mag
MagINCn
MagDECn
Channel A
Channel B
Index
VDD5V
VDDV3V
OTP_CLK
OTP_DO
PROG
CSn
LDO 3.3V
Hall Array
&
Frontend
Amplifier
OTP
Zero
Position
DSP
Incremental
Decoder
Figure 3: AS5035 Block diagram
4.1
Pin List & Description
Pin #
SSOP16
Name
Type
AS5035
1
MagInc
DO_OD
Mag. Field indicator
2
MagDec
DO_OD
Mag. Field indicator
3
A
DO
Quadrature channel A
4
B
DO
Quadrature channel B
5
N.C.
test
Must be left open
6
Index
DO
Incremental Index output
7
VSS
Supply
Supply Ground
8
Prog
DI , pd
OTP Programming Input. Internal pull-down resistor
(~74k
Ω).
Should be connected to VSS if not used
9
OTP_DO
DO_T
Data Output for Zero Position programming
10
OTP_CLK
DI,ST
Clock Input for Zero Position programming; Schmitt-
Trigger input. Should be connected to VSS if not used
11
CSn
DI_ST, pu
Enable outputs A,B,I (see 5.4). Connect to VSS for
normal operation
12
N.C.
test
Must be left open
13
N.C.
test
Must be left open
14
N.C.
test
Must be left open
15
VDD3V3
Supply
3V regulator output
16
VDD5V
Supply
5V positive supply input
Table 1: Pin description
DO_OD : digital output, open drain
DO
: digital push/pull output
DI
: digital input
ST
: Schmitt-Trigger input
pu
: internal pull-up resistor
pd
: internal pull-down resistor
test
: pin is used for factory testing, must be left unconnected
4.2
Unused Pins
Pins # 5, 8, 12, 13 and 14 are for factory testing and must be left unconnected
Pins# 8, 9 and 10 are used for OTP Zero Position Programming only. In normal operation, they can be left open or connected to
VSS (pins 8 and 10 only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com