Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ355 Datasheet(PDF) 2 Page - NEC

Part # 2SJ355
Description  P-CHANNEL MOS FET FOR HIGH SWITCHING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SJ355 Datasheet(HTML) 2 Page - NEC

  2SJ355 Datasheet HTML 1Page - NEC 2SJ355 Datasheet HTML 2Page - NEC 2SJ355 Datasheet HTML 3Page - NEC 2SJ355 Datasheet HTML 4Page - NEC 2SJ355 Datasheet HTML 5Page - NEC 2SJ355 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SJ355
2
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Drain Cut-Off Current
IDSS
VDS = –30 V, VGS = 0
–10
µA
Gate Leakage Current
IGSS
VGS = –16/+10 V, VDS = 0
±10
µA
Gate Cut-Off Voltage
VGS(off)
VDS = –10 V, ID = –1 mA
–1.0
–1.5
–2.0
V
Forward Transfer Admittance
|yfs|VDS = –10 V, ID = –1.0 A
1.0
S
Drain to Source On-State Resistance
RDS(on)1
VGS = –4 V, ID = –1.0 A
0.50
0.60
Ω
Drain to Source On-State Resistance
RDS(on)2
VGS = –10 V, ID = –1.0 A
0.26
0.35
Ω
Input Capacitance
Ciss
VDS = –10 V, VGS = 0,
300
pF
Output Capacitance
Coss
f = 1.0 MHz
245
pF
Reverse Transfer Capacitance
Crss
120
pF
Turn-On Delay Time
td(on)
VDD = –25 V, ID = –1.0 A
5.5
ns
Rise Time
tr
VGS(on) = –10 V
32
ns
Turn-Off Delay Time
td(off)
RG = 10
Ω, RL = 25 Ω
110
ns
Fall Time
tf
130
ns
Gate Input Charge
QG
VDS = –24 V,
12.2
nC
Gate to Source Charge
QGS
VGS = –10 V,
1.2
nC
Gate to Drain Charge
QGD
ID = –1.8 A, IG = –2 mA
4.6
nC
Internal Diode Reverse Recovery Time
trr
IF = 2.0 A,
95
ns
Internal Diode Reverse Recovery Charge
Qrr
di/dt = 50 A/
µs
85
nC
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
0
100
80
60
40
20
TA - Ambient Temperature - ˚C
FORWARD BIAS SAFE OPERATING AREA
–0.5
–10
VDS - Drain to Source Voltage - V
25
50
75
100
125
150
–5
–2
–1
–0.5
–0.2
–0.1
–0.05
–100
–1
–2
–5
–10
–20
–50
PW
=
100
ms
10
ms
DC
Single pulse



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com