Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5679 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # 2N5679
Description  PNP/NPN HIGH VOLTAGE SILICON TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N5679 Datasheet(HTML) 2 Page - Continental Device India Limited

  2N5679 Datasheet HTML 1Page - Continental Device India Limited 2N5679 Datasheet HTML 2Page - Continental Device India Limited 2N5679 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
2N5679-82
DESCRIPTION
SYMBOL
TEST CONDITION
2N5679
2N5680
UNITS
2N5681
2N5682
DC Current Gain
hFE*
IC=1A,VCE=2V
>5.0
-
IC=250mA,VCE=2V
40-150
40-150
Collector Emitter Saturation Voltage
VCE(Sat)* IC=250mA,IB=25mA
<0.60
<0.60
V
IC=500mA,IB=50mA
<1.0
<1.0
V
IC=1A, IB=200mA
<2,0
<2.0
V
Base Emitter on Voltage
VBE(on)* IC=250mA,VCE=2V
<1.0
<1.0
V
SMALL SIGNAL CHARACTERISTICS
Small Signal Current Gain
hfe
IC=200mA, VCE=1.5V
>20
>20
f=1kHz
Out-Put Capacitance
Cob
VCB=20V, IE=0
<50
<50
pF
f=1MHz
Transistors Frequency
ft
IC=100mA, VCE=10V
>30
>30
MHz
f=10MHz
*Pulse Test: Pulse Width: =300us, Duty Cycle=2%
TO-39 Metal Can Package
TO-39
500 pcs/polybag 540 gm/500 pcs
3" x 7.5" x 7.5"
20.0K
17" x 15" x 13.5"
32.0K
40 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
2
1
3
PIN CO NFIG URATIO N
1. EM ITTE R
2. BA SE
3. C O LLE C TO R
DIM
M IN
M A X
A
8.50
9.39
B
7.74
8.50
C
6.09
6.60
D
0.40
0.53
E—
0.88
F
2.41
2.66
G
4.82
5.33
H
0.71
0.86
J
0.73
1.02
K12.70
—
L
42 D E G
48 D E G
A
B
D
G
L
H
J
1
2
3
Continental Device India Limited
Data Sheet
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com