Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5089 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N5089
Description  NPN SILICON EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N5089 Datasheet(HTML) 1 Page - Continental Device India Limited

  2N5089 Datasheet HTML 1Page - Continental Device India Limited 2N5089 Datasheet HTML 2Page - Continental Device India Limited 2N5089 Datasheet HTML 3Page - Continental Device India Limited 2N5089 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN SILICON EPITAXIAL TRANSISTORS
2N5088
2N5089
TO-92
CBE
Amplifier Transistors
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
2N5088
2N5089
UNITS
Collector -Base Voltage
VCBO
35
30
V
Collector -Emitter Voltage
VCE0
30
25
V
Emitter -Base Voltage
VEBO
4.5
V
Collector Current- Continuous
IC
50
mA
Power Dissipation@ Ta=25 deg C
PD
625
mW
Derate Above 25 deg C
5.0
mW/deg C
Power Dissipation@ Tc=25 deg C
PD
1.5
W
Derate Above 25 deg C
12
mW/deg C
Junction Temperature
Tj
150
deg C
Storage Temperature
Tstg
-55 to +150
deg C
THERMAL RESISTANCE
Junction to Ambient
Rth(j-a) (1)
357
deg C/W
Junction to Case
Rth(j-c)
125
deg C/W
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
Min
Max
UNITS
Collector -Emitter Voltage
VCEO*
IC=1mA, IB=0
2N5088
30
-
V
2N5089
25
-
V
Collector -Base Voltage
VCBO
IC=100uA,IE=0
2N5088
35
-
V
2N5089
30
-
V
Collector-Cut off Current
ICBO
VCB=20V, IE=0
2N5088
-50
nA
VCB=15V, IE=0
2N5089
-50
nA
Emitter-Cut off Current
IEBO
VEB=3.0V, IC=0
2N5088
-50
nA
VEB=4.5V, IC=0
2N5089
-
100
nA
Continental Device India Limited
Data Sheet
Page 1 of 4
E B
C
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 2N5089

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5089 ONSEMI-2N5089 Datasheet
281Kb / 6P
Amplifier Transistor(NPN Silicon)
November, 2001 ??Rev. 1
logo
Samsung semiconductor
2N5089 SAMSUNG-2N5089 Datasheet
32Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
2N5089 FAIRCHILD-2N5089 Datasheet
98Kb / 7P
NPN General Purpose Amplifier
logo
Micro Electronics
2N5089 MICRO-ELECTRONICS-2N5089 Datasheet
191Kb / 2P
PNP/NPN SILICON AF LOW NOISE SMALL SIGNAL TRANSISTORS
logo
ON Semiconductor
2N5089 ONSEMI-2N5089 Datasheet
153Kb / 8P
Amplifier Transistors
November, 2001 ??Rev. 1
More results

Similar Description - 2N5089

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
WMBTA42 WINGS-WMBTA42 Datasheet
73Kb / 1P
NPN EPITAXIAL SILICON TRANSISTORS
logo
Micro Commercial Compon...
2SC1623-L6 MCC-2SC1623-L6_11 Datasheet
340Kb / 4P
NPN Silicon Epitaxial Transistors
2SC2873-O MCC-2SC2873-O Datasheet
299Kb / 4P
NPN Silicon Epitaxial Transistors
2SC3279-L MCC-2SC3279-L Datasheet
266Kb / 3P
NPN Silicon Epitaxial Transistors
2SC4097-P MCC-2SC4097-P Datasheet
221Kb / 3P
NPN Silicon Epitaxial Transistors
KSD1616-Y MCC-KSD1616-Y Datasheet
233Kb / 2P
NPN Silicon Epitaxial Transistors
2SC1623-L5 MCC-2SC1623-L5 Datasheet
384Kb / 4P
NPN Silicon Epitaxial Transistors
2SC2411-P MCC-2SC2411-P_13 Datasheet
306Kb / 3P
NPN Silicon Epitaxial Transistors
KSD1616-Y MCC-KSD1616-Y_13 Datasheet
275Kb / 2P
NPN Silicon Epitaxial Transistors
logo
Jinan Jing Heng Electro...
TIP41C JINGHENG-TIP41C Datasheet
1Mb / 5P
NPN Epitaxial Silicon Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com