Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3905 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # 2N3905
Description  PNP SILICON PLANAR EPITAXIAL SWITCHING TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N3905 Datasheet(HTML) 2 Page - Continental Device India Limited

  2N3905 Datasheet HTML 1Page - Continental Device India Limited 2N3905 Datasheet HTML 2Page - Continental Device India Limited 2N3905 Datasheet HTML 3Page - Continental Device India Limited 2N3905 Datasheet HTML 4Page - Continental Device India Limited 2N3905 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PNP SILICON PLANAR EPITAXIAL SWITCHING TRANSISTORS
2N3905 / 2N3906
TO-92
Plastic Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
SMALL SIGNAL CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
2N3905
Transistors Frequency
fT
IC=10mA, VCE=20V, f=100MHz
>200
Output Capacitance
Cob
VCB=5V, IE=0, f=100KHz
< 4.5
Input Capacitance
Cib
VEB=0.5V, IC=0, f=100KHz
<10
ALL f=1kHz
Small Signal Current Gain
hfe
IC=1mA, VCE=10V
50 - 200
Input Inpedence
hie
IC=1mA, VCE=10V
0.5 - 8.0
Out put Adimttance
hoe
IC=1mA, VCE=10V
1.0 - 40
Voltage Feedback Ratio
hre
IC=1mA, VCE=10V
0.1 - 5.0
Noise Figure
NF
IC=100µA, VCE=5V, f=10Hz to
15.7 KHz, RS=1KΩ
< 5.0
SWITCHING Time
Delay time
td
VCC=3V, VBE=0.5V
< 35
Rise time
tr
IC=10mA, IB1=1mA
< 35
Storage time
ts
VCC=3V, IC=10mA
< 200
Fall time
tf
IB1=1B2=1mA
< 60
2N3905_3906Rev_1 071105E
For Lead Free Parts, Device
Part # will be Prefixed with
"T"
2N3906
>250
UNITS
MHz
100 - 400
2.0 -12
3.0 - 60
0.1 - 10
< 4.0
< 225
< 75
< 35
< 35
<4.5
<10
pF
ns
pF
µmhos
k
Ω
x10
-4
dB
ns
ns
ns
E B
C
Continental Device India Limited
Data Sheet
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com