Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4033 Datasheet(PDF) 3 Page - Continental Device India Limited

Part # 2N4033
Description  PNP SILICON PLANAR TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N4033 Datasheet(HTML) 3 Page - Continental Device India Limited

  2N4033 Datasheet HTML 1Page - Continental Device India Limited 2N4033 Datasheet HTML 2Page - Continental Device India Limited 2N4033 Datasheet HTML 3Page - Continental Device India Limited 2N4033 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PNP SILICON PLANAR RF TRANSISTORS
2N4030, 2N4031
2N4032, 2N4033
TO-39
Metal Can Package
TO-39 Metal Can Package
2 1
3
PIN CONFIGURATION
1. EMITTER
2. BASE
3. COLLECTOR
DIM
MIN
MAX
A
8.50
9.39
B
7.74
8.50
C
6.09
6.60
D
0.40
0.53
E—
0.88
F
2.41
2.66
G
4.82
5.33
H
0.71
0.86
J
0.73
1.02
K12.70
—
L
42 DEG 48 DEG
A
B
D
G
L
H
J
1
2
3
TO-39
500 pcs/polybag 540 gm/500 pcs
3" x 7.5" x 7.5"
20K
17" x 15" x 13.5"
32K
40 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
Continental Device India Limited
Data Sheet
Page 3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com