Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTB20105 Datasheet(PDF) 2 Page - Ericsson

Part # PTB20105
Description  20 Watts, 925-960 MHz Cellular Radio RF Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTB20105 Datasheet(HTML) 2 Page - Ericsson

  PTB20105 Datasheet HTML 1Page - Ericsson PTB20105 Datasheet HTML 2Page - Ericsson PTB20105 Datasheet HTML 3Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PTB 20105
2
e
Z Source
Z Load
Electrical Characteristics (100% Tested)
Characteristic
Conditions
Symbol
Min
Typ
Max
Units
Breakdown Voltage C to E
IB = 0 A, IC = 100 mA
V(BR)CEO
25
30
—
Volts
Breakdown Voltage C to E
VBE = 0 V, IC = 100 mA
V(BR)CES
55
70
—
Volts
Breakdown Voltage E to B
IC = 0 A, IE = 5 mA
V(BR)EBO
3.5
5.0
—
Volts
DC Current Gain
VCE = 5 V, IC = 1 A
hFE
20
50
120
—
RF Specifications (100% Tested)
Characteristic
Symbol
Min
Typ
Max
Units
Gain
(VCC = 25 Vdc, Pout = 20 W, ICQ = 100 mA, f = 960 MHz)
Gpe
910
—
dB
Collector Efficiency
(VCC = 25 Vdc, Pout = 20 W, ICQ = 100 mA, f = 960 MHz)
ηC
50
—
—
%
Load Mismatch Tolerance
(VCC = 25 Vdc, Pout = 20 W, ICQ = 100 mA,
Ψ
—
—
30:1
—
f = 960 MHz—all phase angles at frequency of test)
Impedance Data (data shown for fixed-tuned broadband circuit)
(VCC = 25 Vdc, Pout = 20 W, ICQ = 100 mA)
Frequency
Z Source
Z Load
MHz
R
jX
R
jX
925
3.1
-1.8
3.1
1.4
942
3.0
-1.5
2.9
1.4
960
2.9
-1.2
2.7
1.4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com