Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2906 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # 2N2906
Description  PNP SILICON PLANAR SWITCHING TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N2906 Datasheet(HTML) 2 Page - Continental Device India Limited

  2N2906 Datasheet HTML 1Page - Continental Device India Limited 2N2906 Datasheet HTML 2Page - Continental Device India Limited 2N2906 Datasheet HTML 3Page - Continental Device India Limited 2N2906 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2906
2N2907
TO-18
Metal Can Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
SMALL SIGNAL CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Saturation Voltage
*VCE (sat)
IC=150mA, IB=15mA
0.4
V
IC=500mA, IB=50mA
1.6
V
Base Emitter Saturation Voltage
*VBE (sat)
IC=150mA, IB=15mA
1.3
V
IC=500mA, IB=50mA
2.6
V
Transition Frequency
**fT
IC=50mA, VCE=20V,
f=100MHz
200
MHz
Output Capacitance
Cobo
VCB=10V, IE=0,
f=100KHz
8.0
pF
Cibo
VBE=2V, IC=0,
f=100KHz
30
pF
SWITCHING TIME
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Delay Time
td
10
ns
Rise Time
tr
40
ns
Turn On Time
ton
45
ns
Storage Time
ts
80
ns
Fall Time
tf
30
ns
Turn Off Time
toff
100
ns
*Pulse Test: Pulse Width < 300
µµs, Duty Cycle < 2%
** fT is defined as the frequency at which IhfeI extrapolates to unity
2N2906_2907Rev010303E
IC=150mA, IB1=15mA,
VCC=30V
IC=150mA, IB1=
IB2=15mA, VCC=6V
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com