Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2907 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N2907
Description  PNP SILICON PLANAR SWITCHING TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N2907 Datasheet(HTML) 1 Page - Continental Device India Limited

  2N2907 Datasheet HTML 1Page - Continental Device India Limited 2N2907 Datasheet HTML 2Page - Continental Device India Limited 2N2907 Datasheet HTML 3Page - Continental Device India Limited 2N2907 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2906
2N2907
TO-18
Metal Can Package
Switching and Linear Application
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
Collector Emitter Voltage
VCEO
Collector Base Voltage
VCBO
Emitter Base Voltage
VEBO
Collector Current Continuous
IC
Power Dissipation @ Ta=25ºC
PD
Derate Above 25ºC
Power Dissipation @ Tc=25ºC
PD
Derate Above 25ºC
Operating and Storage Junction
Temperature Range
Tj, Tstg
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise )
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Voltage
*VCEO
IC=10mA, IB=0
40
V
Collector Base Voltage
VCBO
IC=10µA, IE=0
60
V
Emitter Base Voltage
VEBO
IE=10µA, IC=0
5
V
Collector Cut Off Current
ICEX
VCE=30V, VBE=0.5V
50
nA
Collector Cut Off Current
ICBO
VCB=50V, IE=0
20
nA
VCB=50V, IE=0,
Ta=150ºC
20
µA
Base Current
IB
VCE=30V, VBE=0.5V
50
nA
2N2906
2N2907
DC Current Gain
hFE
IC=0.1mA, VCE=10V
>20
>35
IC=1mA, VCE=10V
>25
>50
IC=10mA, VCE=10V
>35
>75
*IC=150mA, VCE=10V
40 - 120
100 - 300
*IC=500mA, VCE=10V
>20
>30
*Pulse Test: Pulse Width < 300
µµs, Duty Cycle < 2%
2N2906_2907Rev010303E
UNIT
V
V
V
mA
mW
mW/ ºC
W
600
400
2.28
1.8
VALUE
40
60
5
10.3
- 65 to +200
mW/ ºC
ºC
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 2N2907

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N2907 PHILIPS-2N2907 Datasheet
52Kb / 8P
PNP switching transistors
1997 May 30
logo
STMicroelectronics
2N2907 STMICROELECTRONICS-2N2907 Datasheet
233Kb / 4P
1.8W PNP GENERAL PURPOSE SAMLL SIGNAL TRANSISTORS
logo
Semicoa Semiconductor
2N2907 SEMICOA-2N2907 Datasheet
31Kb / 1P
Chip Type 2C2907A Geometry 0600 Polarity PNP
logo
Siemens Semiconductor G...
2N2907 SIEMENS-2N2907 Datasheet
41Kb / 2P
PNP SILICON PLANAR TRANSISTORS
logo
Micro Electronics
2N2907 MICRO-ELECTRONICS-2N2907 Datasheet
231Kb / 4P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - 2N2907

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N2906A BOCA-2N2906A Datasheet
44Kb / 2P
PNP SILICON PLANAR SWITCHING TRANSISTORS
logo
Zetex Semiconductors
FMMT3906 ZETEX-FMMT3906 Datasheet
174Kb / 2P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
BSS80B ZETEX-BSS80B Datasheet
29Kb / 1P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
logo
Diodes Incorporated
FMMT3905 DIODES-FMMT3905 Datasheet
179Kb / 2P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
MARCH 2000
logo
Continental Device Indi...
2N3905 CDIL-2N3905 Datasheet
359Kb / 5P
PNP SILICON PLANAR EPITAXIAL SWITCHING TRANSISTORS
2N3496 CDIL-2N3496 Datasheet
196Kb / 4P
PNP SILICON PLANAR SWITCHING TRANSISTORS
2N3250 CDIL-2N3250 Datasheet
214Kb / 4P
PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2906A CDIL-2N2906A Datasheet
232Kb / 3P
PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2904A CDIL-2N2904A Datasheet
151Kb / 3P
PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2904 CDIL-2N2904 Datasheet
80Kb / 4P
PNP SILICON PLANAR SWITCHING TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com