Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4270 Datasheet(PDF) 2 Page - Peregrine Semiconductor

Part # PE4270
Description  SPST CATV UltraCMOS??Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE4270 Datasheet(HTML) 2 Page - Peregrine Semiconductor

  PE4270_14 Datasheet HTML 1Page - Peregrine Semiconductor PE4270_14 Datasheet HTML 2Page - Peregrine Semiconductor PE4270_14 Datasheet HTML 3Page - Peregrine Semiconductor PE4270_14 Datasheet HTML 4Page - Peregrine Semiconductor PE4270_14 Datasheet HTML 5Page - Peregrine Semiconductor PE4270_14 Datasheet HTML 6Page - Peregrine Semiconductor PE4270_14 Datasheet HTML 7Page - Peregrine Semiconductor PE4270_14 Datasheet HTML 8Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Product Specification
PE4270
Page 2 of 8
©2005-2010 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0148-06
│ UltraCMOS™ RFIC Solutions
Table 2. Pin Descriptions
Table 3. Absolute Maximum Ratings
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS™ device, observe
the same precautions that you would use with
other ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the rating specified in Table 3.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS™
devices are immune to latch-up.
Table 4. Operating Ranges
Notes: 1. Both RF pins must be held at 0 VDC or require external DC
blocking capacitors
2. The exposed pad must be soldered to the ground plane for
proper switch performance.
Figure 3. Pin Configuration
Table 5. Control Logic Truth Table
Exposed
Solder Pad
(bottom side)
V
DD
GND
RF1
RF2
GND
CTRL
4
5
6
3
2
1
Device Description
The PE4270 high isolation SPST CATV Switch is
designed to support CATV applications such as
premise disconnect of a CATV signal path. This
function is typically performed by bulky and
expensive mechanical relays. The high isolation
characteristics, high compression point, and
integrated 75-ohm terminations make the PE4270
an ideal, cost effective and manufacturable
product of choice.
The control logic input pin (CTRL) is typically
driven by a 3-volt CMOS logic level signal, and
has a threshold of 50% of VDD. For flexibility to
support systems that have 5-volt control logic
drivers, the control logic input has been designed
to handle a 5-volt logic HIGH signal. (A minimal
current will be sourced out of the VDD pin when the
control logic input voltage level exceeds VDD.)
Notes: 1.
CTRL accepts both CMOS and TTL voltage leads.
Exceeding absolute maximum ratings may cause
permanent damage. Operation should be
restricted to the limits in the Operating Ranges
table. Operation between operating range
maximum and absolute maximum for extended
periods may reduce reliability.
Pin
No.
Pin Name
Description
1
VDD
Nominal 3 V supply connection.
2
GND
Ground connection. 2
3
RF1
RF port. 1
4
CTRL
CMOS or TTL logic level:
High = RF1 to RF2 signal path
Low = RF1 isolated from RF2
5
GND
Ground connection. 3
6
RF2
RF port. 1
Symbol
Parameter/Condition
Min
Max
Unit
VDD
Power supply voltage
-0.3
4.0
V
VI
Voltage on CTRL input
-0.3
5.5
V
TST
Storage temperature
-65
150
°C
PIN
Input power (50 Ω),
CTRL=1/CTRL=0
33/24
dBm
VESD
ESD voltage
(Human Body Model)
500
V
Parameter
Min
Typ
Max
Unit
VDD Power Supply
2.7
3.0
3.3
V
IDD Power Supply Current
(VDD = 3V, VCTRL = 3V)
8
20
µA
Control Voltage High
0.7xVDD
5
V
Control Voltage Low
0
0.3xVDD
V
TOP Operating temperature
-40
85
°C
Control Voltage (CTRL)
Signal Path (RF1 to RF2)
High
1
ON
Low
OFF
Moisture Sensitivity Level
The Moisture Sensitivity Level rating for the
PE4270 in the 6-lead 3x3 DFN package is MSL1.
Logo updated under non-rev change. Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com