Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4280 Datasheet(PDF) 2 Page - Peregrine Semiconductor

Part # PE4280
Description  75 廓 SPDT CATV UltraCMOS?
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE4280 Datasheet(HTML) 2 Page - Peregrine Semiconductor

  PE4280_14 Datasheet HTML 1Page - Peregrine Semiconductor PE4280_14 Datasheet HTML 2Page - Peregrine Semiconductor PE4280_14 Datasheet HTML 3Page - Peregrine Semiconductor PE4280_14 Datasheet HTML 4Page - Peregrine Semiconductor PE4280_14 Datasheet HTML 5Page - Peregrine Semiconductor PE4280_14 Datasheet HTML 6Page - Peregrine Semiconductor PE4280_14 Datasheet HTML 7Page - Peregrine Semiconductor PE4280_14 Datasheet HTML 8Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Product Specification
PE4280
Page 2 of 8
©2010-11 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0164-05
│ UltraCMOS™ RFIC Solutions
Table 2. Pin Descriptions
Table 3. Absolute Maximum Ratings
Electrostatic Discharge (ESD) Precautions
When handling this UTSi device, observe the
same precautions that you would use with other
ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the rating specified.
Table 4. Operating Ranges @ 25 °C
Figure 3. Pin Configuration (Top View)
No.
Name
Description
1
GND
Ground
2
GND
Ground
31
RF1
RF I/O
44
GND
Ground
5
GND
Ground
6
GND
Ground
74
GND
Ground
81
RFC
Common
94
GND
Ground
10
GND
Ground
11
GND
Ground
124
GND
Ground
131
RF2
RF I/O
14
GND
Ground
15
GND
Ground
162
C2
Control 2
172
C1
Control 1
183
VSS/GND
Negative Supply Option
19
GND
Ground
20
VDD
Supply
Pad
GND
Ground Pad
Notes: 1. RF pins 3, 8, and 13 must be at 0 VDC. The RF pins do not require
DC blocking capacitors for proper operation if the 0 VDC requirement
is met.
2. Pins 16 and 17 are the CMOS controls that set the three operating
states.
3. Connect pin 18 to GND to enable the on-chip negative voltage
generator. Connect pin 18 to VSS (-3 V) to bypass and disable internal
-3 V supply generator. Also, see paragraph "Switching Frequency."
4. Customer can add external resistance to ground to change or modify
termination resistance.
Symbol
Parameter/Condition
Min
Max
Unit
VDD
Power supply voltage
-0.3
4.0
V
VI
Voltage on any DC input
-0.3
VDD +
0.3
V
PRF
RF CW power
24
dBm
TST
Storage temperature
-65
150
° C
TOP
Operating temperature
-40
85
° C
VESD
ESD voltage
(Human Body Model)
1000
V
Parameter
Min
Typ
Max
Unit
VDD Power Supply
2.7
3.0
3.3
V
IDD Power Supply Current
8
20
μA
Control Voltage High
70% VDD
V
Control Voltage Low
30% VDD
V
Exceeding absolute maximum ratings may cause
permanent damage. Operation should be
restricted to the limits in the Operating Ranges
table. Operation between operating range
maximum and absolute maximum for extended
periods may reduce reliability.
Moisture Sensitivity Level
The Moisture Sensitivity Level rating for the
PE4280 in the 20-lead 4 x 4 x 0.85 mm QFN
package is MSL1.
Logo updated under non-rev change. Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com