Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTB20175 Datasheet(PDF) 2 Page - Ericsson

Part # PTB20175
Description  55 Watts, 1.9-2.0 GHz Cellular Radio RF Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTB20175 Datasheet(HTML) 2 Page - Ericsson

  PTB20175 Datasheet HTML 1Page - Ericsson PTB20175 Datasheet HTML 2Page - Ericsson PTB20175 Datasheet HTML 3Page - Ericsson PTB20175 Datasheet HTML 4Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PTB 20175
2
e
Z Source
Z Load
Electrical Characteristics (100% Tested)
Characteristics
Conditions
Symbol
Min
Typ
Max
Units
Breakdown Voltage C to E
Ic = 60 mA, RB = 27 Ω
V(BR)CER
55
—
—
Volts
Breakdown Voltage C to E
VBE = 0 V, IC = 60 mA
V(BR)CES
55
—
—
Volts
Breakdown Voltage E to B
IC = 0 V, IE = 25 mA
V(BR)EBO
4.0
5
—
Volts
DC Current Gain
VCE = 5 V, IC = 300 mA
Hfe
—50
—
—
RF Specifications (100% Tested)
Characteristics
Symbol
Min
Typ
Max
Units
Gain
(VCC = 26 Vdc, Pout = 55 W, ICQ = 150 mA,
Gpe
7.0
7.6
—
dB
f = 2.0 GHz)
Collector Efficiency
(VCC = 26 Vdc, Pout = 55 W, ICQ = 150 mA,
η
C
37
47
—
%
f = 2.0 GHz)
Load Mismatch Tolerance
(VCC = 26 Vdc, Pout = 55 W(PEP), ICQ = 150 mA,
Ψ
—
—
5:1
—
f = 2.0 GHz—All Phase Angles at Frequency of Test)
Impedance Data (data shown for fixed-tuned broadband circuit)
(VCC = 26 Vdc, Pout = 55 W, ICQ = 150 mA)
Frequency
Z Source
Z Load
GHz
R
jX
R
jX
1.90
3.26
-2.0
2.30
-1.9
1.95
3.26
-1.7
2.25
-2.2
2.00
3.26
-1.4
2.20
-2.5
Z0 = 50 Ω
5 /19/98



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com