Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTB20176 Datasheet(PDF) 3 Page - Ericsson

Part # PTB20176
Description  5 Watts, 1.78-1.92 GHz RF Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTB20176 Datasheet(HTML) 3 Page - Ericsson

  PTB20176 Datasheet HTML 1Page - Ericsson PTB20176 Datasheet HTML 2Page - Ericsson PTB20176 Datasheet HTML 3Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PTB 20176
3
e
Intermodulation Distortion vs. Power Output
-42
-39
-36
-33
-30
-27
2
3
45
67
Output Power (Watts-PEP)
VCC = 26 V
ICQ = 30 mA
f1 = 1880.0 MHz
f2 = 1880.1 MHz
Efficiency vs. Output Power
10
20
30
40
50
60
02
4
6
8
10
Output Power (Watts)
VCC = 26 V
ICQ = 30 mA
f = 1850 MHz
Gain vs. Frequency
(as measured in a broadband circuit)
10
11
12
13
14
15
1775
1800
1825
1850
1875
1900
1925
Frequency (MHz)
VCC = 26 V
ICQ = 30 mA
Pout = 5 W
Typical Performance
Ericsson Components
RF Power Products
675 Jarvis Drive
Morgan Hill, CA 95037 USA
Telephone: 408-778-9434
Specifications subject to change without notice.
LF
© 1996 Ericsson Inc.
EUS/KR 1301-PTB 20176 Uen Rev. C 09-28-98
1-877-GOLDMOS
(1-877-465-3667)
e-mail: rfpower@ericsson.com
www.ericsson.com/rfpower
6/24/97



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com