| Electronic Components Datasheet Search |
|
ECQE6104F Datasheet(PDF) 3 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECQE6104F Datasheet(HTML) 3 Page - Panasonic Semiconductor |
|
3 / 9 page ![]() Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. Plastic Film Capacitors IRating, Dimensions & Quantity/Ammo Box GRated voltage : 250 VDC, Capacitance tolerance : ±5 %(J), ±10 %(K) Style N, Style D: 0.010 µF to 0.33 µF Style T, Style B: 0.39 µF to 10.0 µF 0.56 12.0 5.5 10.9 15.9 10.0 10.0 1.0 0.60 0.68 12.0 6.0 11.9 16.9 10.0 10.0 1.0 0.60 0.82 12.0 6.0 13.5 18.5 10.0 10.0 1.0 0.60 1.0 12.0 6.7 14.0 19.0 10.0 10.0 1.0 0.60 1.2 18.5 5.5 12.8 17.8 15.0 10.0 1.0 0.60 1.5 18.5 6.0 13.4 18.4 15.0 10.0 1.0 0.80 1.8 18.5 6.5 14.4 19.4 15.0 10.0 1.0 0.80 2.2 18.5 7.0 15.0 20.0 15.0 10.0 1.0 0.80 2.7 18.5 8.0 15.8 20.8 15.0 10.0 1.0 0.80 3.3 18.5 8.5 16.5 21.5 15.0 10.0 1.0 0.80 3.9 26.0 7.0 16.4 21.4 22.5 15.0 1.0 0.80 4.7 26.0 7.5 17.0 22.0 22.5 15.0 1.0 0.80 5.6 26.0 8.3 17.5 22.5 22.5 15.0 1.0 0.80 6.8 26.0 9.0 18.5 23.5 22.5 15.0 1.0 0.80 8.2 26.0 10.0 20.0 25.0 22.5 15.0 1.5 0.80 10.0 26.0 11.5 21.0 26.0 22.5 15.0 1.5 0.80 Part No Cap. (µF) Quantity 500 — —— — Dimensions (mm) L max. T max. FS G max. Straight Crimped lead Straight Ammo Ammo Ammo 5 mm 5 mm 7.5 mm ø d H max. Straight Crimped lead ECQE1564MF( ) ECQE1684MF( ) ECQE1824MF( ) ECQE1105MF( ) ECQE1125MF( ) ECQE1155MF( ) ECQE1185MF( ) ECQE1225MF( ) ECQE1275MF( ) ECQE1335MF( ) ECQE1395MF( ) ECQE1475MF( ) ECQE1565MF( ) ECQE1685MF( ) ECQE1825MF( ) ECQE1106MF( ) 500 1000 400 400 500 600 — Style N, style D: 0.056 µF to 1.0 µF Style T, style B: 1.2 µF to 10.0 µF Suffix for lead crimped or taped type Cap. tol. code L L Suffix for lead crimped or taped type Cap. tol. code L L IRating, Dimensions & Quantity/Ammo Box GRated voltage : 100 VDC, Capacitance tolerance : ± 5 %(J), ±10 %(K) Part No Cap. (µF) Quantity Dimensions (mm) L max. T max. FS G max. Straight Crimped lead Straight Ammo Ammo Ammo 5 mm 5 mm 7.5 mm ø d H max. Straight Crimped lead ECQE2103MF( ) 0.010 10.3 4.3 7.4 12.4 7.5 7.5 1.0 0.60 ECQE2123MF( ) 0.012 10.3 4.4 7.5 12.5 7.5 7.5 1.0 0.60 ECQE2153MF( ) 0.015 10.3 4.4 7.5 12.5 7.5 7.5 1.0 0.60 ECQE2183MF( ) 0.018 10.3 4.4 7.5 12.5 7.5 7.5 1.0 0.60 ECQE2223MF( ) 0.022 10.3 4.4 7.5 12.5 7.5 7.5 1.0 0.60 ECQE2273MF( ) 0.027 10.3 4.4 7.5 12.5 7.5 7.5 1.0 0.60 ECQE2333MF( ) 0.033 10.3 4.5 7.5 12.5 7.5 7.5 1.0 0.60 ECQE2393MF( ) 0.039 10.3 4.5 7.5 12.5 7.5 7.5 1.0 0.60 ECQE2473MF( ) 0.047 10.3 4.5 7.5 12.5 7.5 7.5 1.0 0.60 ECQE2563MF( ) 0.056 10.3 4.8 7.9 12.9 7.5 7.5 1.0 0.60 ECQE2683MF( ) 0.068 10.3 4.5 7.5 12.5 7.5 7.5 1.0 0.60 ECQE2823MF( ) 0.082 10.3 4.9 8.0 13.0 7.5 7.5 1.0 0.60 ECQE2104MF( ) 0.10 10.3 5.8 8.4 13.4 7.5 7.5 1.0 0.60 ECQE2124MF( ) 0.12 10.3 6.0 9.0 14.0 7.5 7.5 1.0 0.60 ECQE2154MF( ) 0.15 10.3 6.0 10.8 15.8 7.5 7.5 1.0 0.60 ECQE2184MF( ) 0.18 12.0 5.0 10.3 15.3 10.0 10.0 1.0 0.60 ECQE2224MF( ) 0.22 12.0 5.5 10.5 15.5 10.0 10.0 1.0 0.60 ECQE2274MF( ) 0.27 12.0 6.0 11.5 16.5 10.0 10.0 1.0 0.60 ECQE2334MF( ) 0.33 12.0 6.5 12.0 17.0 10.0 10.0 1.0 0.60 ECQE2394MF( ) 0.39 18.5 4.9 12.0 17.0 15.0 10.0 1.0 0.60 ECQE2474MF( ) 0.47 18.5 5.3 12.5 17.5 15.0 10.0 1.0 0.60 ECQE2564MF( ) 0.56 18.5 5.5 13.0 18.0 15.0 10.0 1.0 0.60 ECQE2684MF( ) 0.68 18.5 6.0 13.5 18.5 15.0 10.0 1.0 0.80 ECQE2824MF( ) 0.82 18.5 6.5 14.5 19.5 15.0 10.0 1.0 0.80 ECQE2105MF( ) 1.0 18.5 7.4 15.0 20.0 15.0 10.0 1.0 0.80 ECQE2125MF( ) 1.2 18.5 8.0 15.9 20.9 15.0 10.0 1.0 0.80 ECQE2155MF( ) 1.5 18.5 9.0 16.8 21.8 15.0 10.0 1.0 0.80 ECQE2185MF( ) 1.8 26.0 7.5 15.5 20.5 22.5 15.0 1.0 0.80 ECQE2225MF( ) 2.2 26.0 8.5 16.3 21.3 22.5 15.0 1.0 0.80 ECQE2275MF( ) 2.7 26.0 9.4 17.0 22.0 22.5 15.0 1.0 0.80 ECQE2335MF( ) 3.3 26.0 10.3 18.0 23.0 22.5 15.0 1.5 0.80 ECQE2395MF( ) 3.9 26.0 11.0 20.5 25.5 22.5 15.0 1.5 0.80 ECQE2475MF( ) 4.7 26.0 12.0 21.5 26.5 22.5 15.0 1.5 0.80 ECQE2565MF( ) 5.6 31.0 11.8 21.0 26.0 27.5 22.5 1.5 0.80 ECQE2685MF( ) 6.8 31.0 13.0 22.4 27.4 27.5 22.5 1.5 0.80 ECQE2825MF( ) 8.2 31.0 14.3 23.5 28.5 27.5 22.5 1.5 0.80 ECQE2106MF( ) 10.0 31.0 15.9 25.8 30.8 27.5 22.5 1.5 0.80 1000 — — 1000 500 500 1000 400 500 400 300 —— |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |