Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4SW110-210-310 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SW110-210-310
Description  HMIC??Silicon PIN Diode Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SW110-210-310 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA4SW110-210-310 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SW110-210-310 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SW110-210-310 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SW110-210-310 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SW110-210-310 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SW110-210-310 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4SW110-210-310 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4SW110-210-310 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MA4SW110-210-310 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or
information contained herein without notice.
V8
MA4SW110
MA4SW210
MA4SW310
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
HMIC™ Silicon PIN Diode Switches
RoHS Compliant
Features
♦ Broad Bandwidth
♦ Specified from 50 MHz to 20 GHz
♦ Usable from 50 MHz to 26.5 GHz
♦ Lower Insertion Loss and Higher Isolation than
Comparable pHEMT/Discrete Component Designs
♦ Rugged Design Fully Monolithic
♦ Glass Encapsulated Chip with Polymer Protective
Coating
♦ Up to +30dBm C.W. Power Handling @ +25°C
♦ 50 nS Switching Speed
Description
The MA4SW110, MA4SW210 and MA4SW310 are
series-shunt, broadband, PIN diode switches made with
M/A-COM
Tech’s
HMICTM (Heterolithic
Microwave
Integrated Circuit) process. This process allows the
silicon pedestals which form the series - shunt diodes
and vias to be embedded into low loss, low dispersion
glass. By also incorporating small spacing between
circuit elements, the result is an HMIC chip with low
insertion loss and high isolation at frequencies up to
26.5GHz. They are designed for use as moderate
power, high performance switches and provide superior
performance when compared to similar designs that use
discrete components.
The top side of the chip is protected by a polymer
coating for manual or automatic handling and large gold
bond pads help facilitate connection of low inductance
ribbons. The gold metallization on the backside of the
chip allows for attachment via 80/20, gold/tin solder or
conductive silver epoxy.
Parameter
Absolute Maximum
Operating Temperature
-65oC to +125oC
Storage Temperature
-65oC to +150oC
Junction Temperature
+175oC
Applied Reverse Voltage
- 50V
RF C.W. Incident Power
+30dBm C.W.
Bias Current Per Port
± 50mA
Max. operating conditions for a combination of
RF power, D.C. bias and temperature:
+30dBm CW @ 15mA (per diode) @+85°C
MA4SW210
J2
J3
J1
MA4SW110
J1
J2
MA4SW310
J2
J4
J1
J3
Absolute Maximum Ratings
TAMB = +25°C ( Unless Otherwise Specified )


Similar Part No. - MA4SW110-210-310

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4SW110 MACOM-MA4SW110 Datasheet
208Kb / 8P
Monolithic PIN Diode Switches
MA4SW110 MACOM-MA4SW110 Datasheet
450Kb / 8P
Broadband Monolithic Silicon PIN Diode Switches
logo
M/A-COM Technology Solu...
MA4SW110 MA-COM-MA4SW110 Datasheet
302Kb / 8P
HMIC??Silicon PIN Diode Switches RoHS Compliant
MA4SW110 MA-COM-MA4SW110 Datasheet
906Kb / 9P
HMIC Silicon PIN Diode Switches
MA4SW110 MA-COM-MA4SW110_15 Datasheet
906Kb / 9P
HMIC Silicon PIN Diode Switches
More results

Similar Description - MA4SW110-210-310

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-001100-1190 MA-COM-MASW-001100-1190_2 Datasheet
343Kb / 9P
HMIC Silicon PIN Diode Switches
MASW-002102-13580_V5 MA-COM-MASW-002102-13580_V5 Datasheet
152Kb / 7P
HMIC Silicon PIN Diode Switches
MASW-002102-003102 MA-COM-MASW-002102-003102 Datasheet
152Kb / 7P
HMIC??Silicon PIN Diode Switches
MASW-001100-002100-003100 MA-COM-MASW-001100-002100-003100 Datasheet
343Kb / 9P
HMIC??Silicon PIN Diode Switches
MA4SW210B-310B MA-COM-MA4SW210B-310B Datasheet
151Kb / 7P
HMIC??Silicon PIN Diode Switches
MASW-002102-003102 MA-COM-MASW-002102-003102_15 Datasheet
152Kb / 7P
HMIC??Silicon PIN Diode Switches
MASW-001100 MA-COM-MASW-001100_15 Datasheet
343Kb / 9P
HMIC Silicon PIN Diode Switches
MA4SW210B-310B MA-COM-MA4SW210B-310B_15 Datasheet
151Kb / 7P
HMIC Silicon PIN Diode Switches
MA4SW110 MA-COM-MA4SW110_15 Datasheet
906Kb / 9P
HMIC Silicon PIN Diode Switches
MASW-00X100 MA-COM-MASW-00X100 Datasheet
946Kb / 8P
HMIC Silicon PIN Diode Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com