Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAM-008970 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-008970
Description  Satellite Communications Single Ended 2-Way Active Splitter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-008970 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAM-008970 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-008970 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-008970 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-008970 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-008970 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Satellite Communications Single Ended 2-Way Active Splitter
950 - 2150 MHz
Rev. V1
MAAM-008970
2
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
In to Out1, In to Out2
dB
4.0
4.8
5.8
Gain Flatness
In to Out1, In to Out2
dB
—
0.3
—
Noise Figure
In to Out1, In to Out2
dB
—
5.0
—
Input Return Loss
Input
dB
—
12
—
Output Return Loss
Output
dB
—
12
—
Reverse Isolation
Out1 to In, Out2 to In
dB
—
18
—
Output to Output Isolation
Out1 to Out2
dB
—
23
—
Output Power at 1 dB Compression, P1dB
1450 MHz
dBm
—
7
—
Output 3rd Order Intercept Point, OIP3
1450 MHz, PIN = 0 dBm, 6 MHz Spacing
dBm
—
17
—
Output 2nd Order Intercept Point, OIP2
1450 MHz, PIN = 0 dBm, 6 MHz Spacing
dBm
—
30
—
IDD
VDD = + 5 Volts
mA
—
60
75
Electrical Specifications: Freq: 2150 MHz, TA = 25°C, VDD = +5 Volts, Z0 = 75 Ω
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Absolute Maximum Ratings 4,5,6
Parameter
Absolute Maximum
Input Power
+12 dBm
Vbias
+10.0 V
Operating Temperature
0°C to +85°C
Storage Temperature
-65°C to +125°C
Junction Temperature 7
+150°C
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. M/A-COM does not recommend sustained operation near
these survivability limits.
6. These operating conditions will ensure MTTF > 1 x 106 hours.
7. Junction Temperature (TJ) = TA + Өjc * (V * I)
Typical thermal resistance (Өjc) = 148 °C/W.
a) For TA = 25°C,
TJ = 69 °C @ 5.0 V, 60 mA
b) For TA = 85°C,
TJ = 126 °C @ 5.0 V, 55 mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com