Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTF10021 Datasheet(PDF) 4 Page - Ericsson

Part # PTF10021
Description  30 Watts, 1.4-1.6 GHz GOLDMOS Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTF10021 Datasheet(HTML) 4 Page - Ericsson

  PTF10021 Datasheet HTML 1Page - Ericsson PTF10021 Datasheet HTML 2Page - Ericsson PTF10021 Datasheet HTML 3Page - Ericsson PTF10021 Datasheet HTML 4Page - Ericsson PTF10021 Datasheet HTML 5Page - Ericsson PTF10021 Datasheet HTML 6Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PTF 10021
4
e
Typical Scattering Parameters
(VDS = 28 V, ID = 900 mA)
f
S11
S21
S12
S22
(MHz)
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
100
0.938
-150.8
4.529
35.0
0.0012
84.1
0.813
-162.
200
0.949
-156.9
3.199
31.9
0.0021
92.3
0.839
-166.
300
0.988
-169.3
0.825
12.0
0.0046
95.2
0.893
-172.
400
0.993
-174.7
0.325
5.8
0.0068
92.8
0.929
-176.
500
0.993
-178.1
0.108
9.3
0.0093
90.5
0.943
-179.
600
0.991
179.0
0.047
127.9
0.0123
86.2
0.981
177.7
700
0.990
176.6
0.154
150.5
0.0150
81.9
1.000
172.2
800
0.993
174.3
0.262
149.2
0.0177
77.9
0.947
167.8
900
0.998
171.7
0.393
145.6
0.0212
74.6
0.915
165.2
1000
0.999
168.6
0.586
140.5
0.0257
69.1
0.883
162.8
1100
1.000
164.8
0.927
132.9
0.0312
61.2
0.874
159.9
1200
0.996
158.8
1.662
120.1
0.0383
51.9
0.846
152.3
1300
0.898
145.7
3.504
84.7
0.0521
27.0
0.632
135.8
1400
0.590
144.7
4.350
30.7
0.0454
-12.0
0.259
160.0
1500
0.443
171.8
4.857
-15.9
0.0316
-57.1
0.472
-156.
1600
0.655
-175.3
3.876
-68.4
0.0090
-146.3
0.817
-170.
1700
0.747
-176.7
2.729
-102.8
0.0119
113.0
0.853
179.6
1800
0.831
-178.1
1.930
-132.0
0.0190
88.8
0.855
174.9
1900
0.904
178.4
1.315
-155.7
0.0263
74.8
0.859
171.6
2000
0.944
174.2
0.897
-172.8
0.0303
60.6
0.861
168.7
2100
0.966
170.6
0.641
175.3
0.0299
49.6
0.860
166.2
2200
0.990
167.3
0.491
166.2
0.0283
50.1
0.877
163.7
Frequency
Z Source
W
Z Load
W
GHz
R
jX
R
jX
1.30
7.70
-8.77
3.08
-6.77
1.40
7.90
-9.30
3.32
-5.89
1.45
8.30
-10.52
3.45
-5.00
1.50
11.60
-10.60
3.50
-4.50
1.55
13.30
-7.30
3.80
-4.90
1.60
12.90
-5.70
3.70
-6.00
1.70
10.50
-2.07
3.30
-7.16
Z Source
Z Load
G
S
D
Impedance Data
VDD = 28 V, POUT = 30 W, IDQ = 360 mA
Z0 = 10
W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com