Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PVC-105-2 Datasheet(PDF) 31 Page - Alpha Wire

Part # PVC-105-2
Description  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-2 Datasheet(HTML) 31 Page - Alpha Wire

Back Button PVC-105-2 Datasheet HTML 27Page - Alpha Wire PVC-105-2 Datasheet HTML 28Page - Alpha Wire PVC-105-2 Datasheet HTML 29Page - Alpha Wire PVC-105-2 Datasheet HTML 30Page - Alpha Wire PVC-105-2 Datasheet HTML 31Page - Alpha Wire PVC-105-2 Datasheet HTML 32Page - Alpha Wire PVC-105-2 Datasheet HTML 33Page - Alpha Wire PVC-105-2 Datasheet HTML 34Page - Alpha Wire PVC-105-2 Datasheet HTML 35Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
511
FIT > FIT Wire Management > Extreme Performance Sleeving
FIT® Wire Management
Extreme Performance Sleeving
GRP-200
The high-temperature choice
for aerospace, military, and
high-tech applications where
thermal stability and low
outgassing are critical
FAR 25
• Cut and abrasion resistant
• Flame resistant
• Resists virtually all chemicals
and UV
• Thermally stable
• Low outgassing
• Suitable for plenum use
Operating Temperature
• -70°C to +280°C
• 310°C melt temperature
Color
• Natural
Materials
• 16-mil PTFE filaments
• Cuts with hot knife or hot wire
Physical Properties
• Specific gravity: 2.15 max
Chemical Properties
• Corrosive effects: noncorrosive
• Fungus resistance: no growth
• Water absorption: 0.01% max
• Vacuum outgassing: 95.0% max
• Lead free
Availability
See table
Spools may contain multiple
lengths
Part No.
Nominal Size
Expansion Range
Construction
Standard Put-Ups
Inch
mm
Inch
mm
Carriers
Yarns
Total
Ft
m
GRP-200-1/8
1/8
3.18
0.094 – 0.250
2.38 – 6.35
24
1
25
50, 250
15.2, 76
GRP-200-1/4
1/4
6.35
0.188 – 0.375
4.76 – 9.53
32
1
32
50, 250
15.2, 76
GRP-200-3/8
3/8
9.53
0.250 – 0.750
6.35 - 19.06
40
3
120
50, 250
15.2, 76
GRP-200-1/2
1/2
12.70
0.375 - 0.875
9.53 – 22.23
48
3
144
50, 250
15.2, 76
GRP-200-3/4
3/4
19.05
0.625 – 1.250
15.88 – 31.75
64
3
192
50, 250
15.2, 76
GRP-200-1-1/4
1-1/4
31.75
1.125 – 1.500
28.58 – 38.10
72
3
216
25, 100
7.6, 30.5
GRP-200-1-3/4
1-3/4
44.45
1.375 – 1.750
34.93 – 44.45
80
4
240
25, 100
7.6, 30.5
GRP-200-2IN
2
50.80
1.688 – 2.125
42.88 – 53.98
96
3
288
25, 100
7.6, 30.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com