Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1244 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A1244
Description  Chopper-Stabilized, Two Wire Hall-Effect Latch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1244 Datasheet(HTML) 3 Page - Allegro MicroSystems

  A1244 Datasheet HTML 1Page - Allegro MicroSystems A1244 Datasheet HTML 2Page - Allegro MicroSystems A1244 Datasheet HTML 3Page - Allegro MicroSystems A1244 Datasheet HTML 4Page - Allegro MicroSystems A1244 Datasheet HTML 5Page - Allegro MicroSystems A1244 Datasheet HTML 6Page - Allegro MicroSystems A1244 Datasheet HTML 7Page - Allegro MicroSystems A1244 Datasheet HTML 8Page - Allegro MicroSystems A1244 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ELECTRICAL CHARACTERISTICS Valid at TA = –40°C to 150°C, TJ < TJ(max), CBYP = 0.01 μF, through operating supply voltage
range; unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Supply Voltage1,2
VCC
Operating, TJ ≤ 165 °C
3.0
–
24
V
Supply Current
ICC(L)
-I1
B < BRP
5
–
6.9
mA
-I2
B < BRP
2–5
mA
ICC(H)
B > BOP
12
–
17
mA
Supply Zener Clamp Voltage
VZ(sup)
ICC(L)(max) + 3 mA, TA = 25°C
28
–
–
V
Supply Zener Clamp Current
IZ(sup)
VZ(sup) = 28 V
–
–
ICC(L)(max)
+ 3 mA
mA
Reverse Supply Current
IRCC
VRCC = –18 V
–
–
–1.6
mA
Output Slew Rate3
di/dt
No bypass capacitor, capacitance of probe
CS = 20 pF
–90–
mA/ μs
Chopping Frequency
fc
–
700
–
kHz
Power-Up Time2,4,5
ton
––
25
μs
Power-Up State4,6,7
POS
ton < ton(max), VCC slew rate > 25 mV/μs–
ICC(H)
––
1VCC represents the generated voltage between the VCC pin and the GND pin.
2The VCC slew rate must exceed 600 mV/ms from 0 to 3 V. A slower slew rate through this range can affect device performance.
3Measured without bypass capacitor between VCC and GND. Use of a bypass capacitor results in slower current change.
4Power-Up Time is measured without and with bypass capacitor of 0.01 μF, B < BRP – 10 G. Adding a larger bypass capacitor would cause longer
Power-Up Time.
5Guaranteed by characterization and design.
6Power-Up State as defined is true only with a VCC slew rate of 25 mV/μs or greater.
7For t > ton and BRP < B < BOP, Power-Up State is not defined.
MAGNETIC CHARACTERISTICS1 Valid at TA = –40°C to 150°C, TJ < TJ (max); unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit2
Magnetic Operating Point
BOP
5
–
80
G
Magnetic Release Point
BRP
–80
–
–5
G
Hysteresis
BHYS
BOP – BRP
40
–
110
G
1Relative values of B use the algebraic convention, where positive values indicate south magnetic polarity, and negative values indicate north
magnetic polarity; therefore greater B values indicate a stronger south polarity field (or a weaker north polarity field, if present).
2 1 G (gauss) = 0.1 mT (millitesla).
Chopper-Stabilized, Two Wire
Hall-Effect Latch
A1244
3
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com