Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSH10 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # MPSH10
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MPSH10 Datasheet(HTML) 1 Page - Continental Device India Limited

  MPSH10 Datasheet HTML 1Page - Continental Device India Limited MPSH10 Datasheet HTML 2Page - Continental Device India Limited MPSH10 Datasheet HTML 3Page - Continental Device India Limited MPSH10 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
MPSH10
TO-92
Plastic Package
VHF/UHF Transistor
ABSOLUTE MAXIMUM RATINGS(Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
UNITS
Collector Emitter Voltage
VCEO
V
Collector Base Voltage
VCBO
V
Emitter Base Voltage
VEBO
V
Power Dissipation @ Ta=25ºC
PD
mW
Derate Above 25ºC
mW/ºC
Power Dissipation @ Tc=25ºC
PD
W
Derate Above 25ºC
mW/ºC
Operating And Storage Junction
Temperature Range
Tj, Tstg
- 55 to +150
ºC
THERMAL RESISTANCE
Junction to Ambient in free air
Rth (j-a)
ºC/W
Junction to case
Rth (j-c)
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
MIN
MAX
UNITS
Collector Emitter Voltage
VCEO
25
V
Collector Base Voltage
VCBO
30
V
Emitter Base Voltage
VEBO
3.0
V
Collector Cut Off Current
ICBO
100
nA
Emitter Cut Off Current
IEBO
100
nA
DC Current Gain
hFE
60
Collector Emitter Saturation Voltage
VCE(sat)
0.50
V
Base Emitter On Voltage
VBE(on)
0.95
V
DYNAMIC CHARACTERISTICS
DESCRIPTION
SYMBOL
MIN
MAX
UNITS
Transition Frequency
fT
IC=4mA, VCE=10V, f=100MHz
650
MHz
Collector Base Capacitance
Ccb
0.70
pF
Common Base feedback Capacitance
Crb
0.35
0.65
pF
Collector Base Time Constant
rb' CC
9.00
ps
IC=4mA,VCB=10V, f=31.8MHz
TEST CONDITION
IC=4mA, IB=0.4mA
IC=4mA,VCE=10V
VCB=10V, IE=0, f=1MHz
VCB=10V, IE=0, f=1MHz
357
125
TEST CONDITION
IC=1mA, IB=0
IC=100µA, IE=0
IE=10µA, IC=0
VCB=25V, IE = 0
VEB=2V, IC = 0
IC=4mA,VCE=10V
VALUE
25
30
3.0
350
2.8
1.0
8.0
B E
C
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - MPSH10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSH10 MOTOROLA-MPSH10 Datasheet
78Kb / 4P
VHF/UHF Transistors
logo
ON Semiconductor
MPSH10 ONSEMI-MPSH10 Datasheet
78Kb / 4P
VHF/UHF Transistors(NPN Silicon)
1996
logo
NXP Semiconductors
MPSH10 PHILIPS-MPSH10 Datasheet
77Kb / 8P
NPN 1 GHz general purpose switching transistor
1998 Aug 27
logo
Fairchild Semiconductor
MPSH10 FAIRCHILD-MPSH10 Datasheet
71Kb / 6P
NPN RF Transistor
logo
Central Semiconductor C...
MPSH10 CENTRAL-MPSH10 Datasheet
20Kb / 1P
Small Signal Transistors
More results

Similar Description - MPSH10

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com