Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA55 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # MPSA55
Description  NPN/PNP SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MPSA55 Datasheet(HTML) 2 Page - Continental Device India Limited

  MPSA55 Datasheet HTML 1Page - Continental Device India Limited MPSA55 Datasheet HTML 2Page - Continental Device India Limited MPSA55 Datasheet HTML 3Page - Continental Device India Limited MPSA55 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA05,MPSA06
MPSA55,MPSA56
TO-92
Plastic Package
ELECTRICAL CHARACTERISTICS (Ta=25°C Unless Otherwise Specified)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Emitter Voltage
VCEO * IC=1mA,IB=0
MPSA05/55
60
V
MPSA06/56
80
V
Emitter-Base Voltage
VEBO
IE=100uA, IC=0
4.0
V
Collector-Cut off Current
ICBO
MPSA05/55
VCB=60V, IE = 0
0.1
uA
MPSA06/56
VCB=80V, IE = 0
0.1
uA
Collector-Cut off Current
ICEO
VCE=60V,IB =0
0.1
uA
Collector-Emitter (sat) Voltage
VCE(sat) IC=100mA,IB=10mA
0.25
V
Base-Emitter(on) Voltage
VBE(on) IC=100mA,VCE=1V
1.2
V
DC Current Gain
uA
hFE
VCE=1V,IC=10mA
100
VCE=1V,IC=100mA
100
ELECTRICAL CHARACTERISTICS (Ta=25°C Unless Otherwise Specified)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
MAX
UNITS
DYNAMIC CHARACTERISTICS
Transition Frequency
NPN
fT**
IC=10mA, VCE=2V
100
MHz
f=100MHz
PNP
IC=100mA, VCE=1V
50
MHz
f=100MHz
*Pulse Test : Pulse Width < 300us, Duty Cycle < 2%.
** fT is defined as the frequency at which IhfeI extrapolates to unity.
Continental Device India Limited
Data Sheet
Page 2 of 4
E B
C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com