Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS2907 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # MPS2907
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MPS2907 Datasheet(HTML) 2 Page - Continental Device India Limited

  MPS2907 Datasheet HTML 1Page - Continental Device India Limited MPS2907 Datasheet HTML 2Page - Continental Device India Limited MPS2907 Datasheet HTML 3Page - Continental Device India Limited MPS2907 Datasheet HTML 4Page - Continental Device India Limited MPS2907 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
MPS2907
MPS2907A
TO-92
Plastic Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC Unless Specified Otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MPS2907
MPS2907A
UNITS
MIN
MAX
MIN
MAX
Collector Emitter Voltage
BVCEO * IC=10mA,IB=0
40
60
V
Collector Base Voltage
BVCBO
IC=10µA,IE=0
60
60
V
Emitter-Base Voltage
BVEBO
IE=10µA, IC=0
55
V
Collector-Cut off Current
ICBO
VCB=50V, IE = 0
20
10
nA
VCB=50V, IE = 0,
20
10
µA
TA = 150
0C
Collector-Cut off Current
ICEX
VCE=30V, VEB(off)=0.5V
50
50
nA
Collector-Cut off Current
ICEO
VCE=10V
10
10
nA
Emitter Cut off Current
IEBO
VEB=3V, IC = 0
10
10
nA
Base Cut off Current
IBEX
VCE=30V,VEB(off)=0.5V
50
50
nA
Collector-Emitter Saturation Voltage
VCE(sat)*
IC=150mA,IB=15mA
0.4
0.4
V
IC=500mA,IB=50mA
1.6
1.6
V
Base-Emitter Saturation Voltage
VBE(sat)*
IC=150mA,IB=15mA
1.3
1.3
V
IC=500mA,IB=50mA
2.6
2.6
V
DC Current Gain
µA
hFE
VCE=10V,IC=0.1mA
35
75
VCE=10V,IC=1mA
50
100
VCE=10V,IC=10mA
75
100
VCE=10V*,IC=150mA
100
300
100
300
VCE=10V*,IC=500mA
30
50
ELECTRICAL CHARACTERISTICS (Ta=25ºC Unless Specified Otherwise)
DYNAMIC CHARACTERISTICS
SYMBOL TEST CONDITION
MPS2907
MPS2907A
UNITS
MIN
MAX
MIN
MAX
Transition Frequency
fT
*(1)
IC=50mA, VCE=20V
f=100MHz
200
200
MHz
Output Capacitance
Cob
IE=0, VCB=10V
f=1MHz
8
8
PF
Input Capacitance
Cib
Ic=0, VEB=2V
f=1MHz
30
30
PF
Continental Device India Limited
Data Sheet
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com