| Electronic Components Datasheet Search |
|
HCT-FS2 Datasheet(PDF) 3 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
HCT-FS2 Datasheet(HTML) 3 Page - OKI electronic componets |
|
3 / 4 page ![]() LM-1000LightMagnifier The LM-1000, Light Magnifier, is an integrated light and magnifier. It features a 4x magnification lens and an integrated LED lighting system for shadow free illumination. Use it as part of the MRS Modular Rework System by attaching it to the back of theATH-1000 tool holder or configure it for standalone operation with its own optional base plate (LM-BP). PCT-1000ProgrammablePreheater The PCT-1000 is a programmable preheater that provides users the ability to increase heat capacity with highly controlled thermal output.The PCT-1000 can be used in a variety of processes including soldering, desoldering, SMD rework operations and, with its added heat capacity, will provide faster production rates while lowering overall process temperatures. The preheater can be used in two modes; manual for constant heater temperature, and profile for greater control to maintain PCB board temperature with external thermocouple feedback. With four programmable heating zones and one cooling zone, users select time and temperature targets, creating a preheat thermal profile.The PCT-1000 also has an advanced heater control function where the temperature is controlled either at the heater output (internal) or at the board (external thermocouple). The PCT-1000 is equipped with the highly advanced heater design found on sophisticated OK International rework systems. Its convection heater creates a vortex effect that efficiently directs and concentrates heat. MRS-1000Applications The MRS-1000 is perfect for removal and placement of SMT Components. Specific examples of applications include: Simple removal and replacement of delicate SMTcomponents. Quick, easy and cost effective removal of BGA& CSPthat will later be placed with your dedicatedArray Package Rework System, this increases the productivity of your rework area and reduces your technicians workload. Automaticity lifts the component at the end of the cycle, preventing operators from prematurely lifting components and damaging expensive PCBs. 33 44 MRS-1000Features Digital display for repeatable temperature settings and profile control Automatic control of the preheater for simple operation Easy profile creation for operator repeatability Integrated vacuum pickup for easy component removal Hand held or tool holder mounted for operator comfort Manual mode for quick setup External thermocouple for process setup and verification Digital controlled airflow for repeatable results X,Y, Z andTheta controls for component alignment Adjustable PCB holder for easy change outs Automatic vacuum lift off at the end of the cycle LM-BPcan be ordered separately when the LM-1000 is used as a standalone unit. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |