Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C20400BLE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C20400BLE
Description  1 4 Clock Driver for Intel PCIe짰 3.0 Chipsets
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C20400BLE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C20400BLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C20400BLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C20400BLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C20400BLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C20400BLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C20400BLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C20400BLE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C20400BLE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C20400BLE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
www.pericom.com
P-0.1
10/12/2011
PI6C20400B
Block Diagram
Pin Configuration
Description
Pericom Semiconductor's PI6C20400B is a PCIe 3.0 compliant
high-speed, low-noise differential clock buffer designed to be
companion to PCIe 3.0 clock generator. It is backward compat-
ible with PCIe 1.0 and 2.0 specification.
The device distributes the differential SRC clock from PCIe 3.0
clock generator to four differential pairs of clock outputs either
with or without PLL. The clock outputs are controlled by input
selection of SRC_STOP#, PWRDWN# and SMBus, SCLK and
SDA. When input of either SRC_STOP# or PWRDWN# is low,
the output clocks are Tristated. When PWRDWN# is low, the
SDA and SCLK inputs must be Tri-stated.
Features
Î
Phase jitter filter for PCIe 3.0 application
Î
Four Pairs of Differential Clocks
Î
Low skew < 50ps
Î
Low jitter < 50ps cycle-to-cycle
Î
< 1 ps additive RMS phase jitter
Î
Output Enable for all outputs
Î
Outputs tristate control via SMBus
Î
Programmable PLL Bandwidth
Î
100 MHz PLL Mode operation
Î
100 - 400 MHz Bypass Mode operation
Î
3.3V Operation
Î
Packaging (Pb-free and Green):
-28-Pin SSOP (H28)
-28-Pin TSSOP (L28)
1:4 Clock Driver for Intel PCIe® 3.0 Chipsets
OUT0
OUT0#
OUT1
OUT1#
OUT2
OUT2#
OUT3
OUT3#
DIV
Output
Control
SMBus
Controller
PLL
PLL_BW#
SRC
SRC#
PLL/BYPASS#
SCLK
SDA
OE_INV
OE_0 & OE_3
SRC_STOP#
PWRDWN#
VDD_A
VSS_A
IREF
OE_INV
VDD
OUT3
OUT3#
OE_3
OUT2
OUT2#
VDD
PLL_BW#
SRC_STOP#
PWRDWN#
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
VDD
SRC
SRC#
VSS
VDD
OUT0
OUT0#
OE_0
OUT1
OUT1#
VDD
PLL/BYPASS#
SCLK
SDA
11-0126


Similar Part No. - PI6C20400BLE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C20400 PERICOM-PI6C20400 Datasheet
430Kb / 10P
1:4 Clock Driver for Intel PCI Express Chipsets
PI6C20400 PERICOM-PI6C20400 Datasheet
400Kb / 10P
1:4 Clock Driver for Intel PCI Express Chipsets
PI6C20400A PERICOM-PI6C20400A Datasheet
700Kb / 10P
1:4 Clock Driver for Intel PCIe Chipsets
PI6C20400AHE PERICOM-PI6C20400AHE Datasheet
700Kb / 10P
1:4 Clock Driver for Intel PCIe Chipsets
PI6C20400ALE PERICOM-PI6C20400ALE Datasheet
700Kb / 10P
1:4 Clock Driver for Intel PCIe Chipsets
More results

Similar Description - PI6C20400BLE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28323B CYPRESS-CY28323B Datasheet
299Kb / 22P
FTG for Intel Pentium 4 CPU and Chipsets
logo
Pericom Semiconductor C...
PI6C20400 PERICOM-PI6C20400 Datasheet
430Kb / 10P
1:4 Clock Driver for Intel PCI Express Chipsets
PI6C20800 PERICOM-PI6C20800 Datasheet
399Kb / 10P
1:8 Clock Driver for Intel PCI Express Chipsets
PI6C21200 PERICOM-PI6C21200 Datasheet
674Kb / 15P
1:12 Clock Driver for Intel PCI-Express Chipsets
logo
Winbond
W83195BR-101 WINBOND-W83195BR-101 Datasheet
673Kb / 27P
Winbond Clock Generator For Intel 915/925 Chipsets
logo
Pericom Semiconductor C...
PI6C20400 PERICOM-PI6C20400_08 Datasheet
400Kb / 10P
1:4 Clock Driver for Intel PCI Express Chipsets
PI6C20400S PERICOM-PI6C20400S Datasheet
465Kb / 10P
1 4 Clock Driver for Intel PCI Express Chipsets
PI6C21200AEX PERICOM-PI6C21200AEX Datasheet
444Kb / 14P
1 12 Clock Driver for Intel PCIe Chipsets
PI6C20400A PERICOM-PI6C20400A Datasheet
700Kb / 10P
1:4 Clock Driver for Intel PCIe Chipsets
PI6C20800 PERICOM-PI6C20800_12 Datasheet
596Kb / 10P
1:8 Clock Driver for Intel PCI Express Chipsets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com