Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMD030F Datasheet(PDF) 12 Page - Tyco Electronics

Part # ASMD030F
Description  PolySwitch Resettable Devices
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ASMD030F Datasheet(HTML) 12 Page - Tyco Electronics

Back Button ASMD030F Datasheet HTML 8Page - Tyco Electronics ASMD030F Datasheet HTML 9Page - Tyco Electronics ASMD030F Datasheet HTML 10Page - Tyco Electronics ASMD030F Datasheet HTML 11Page - Tyco Electronics ASMD030F Datasheet HTML 12Page - Tyco Electronics ASMD030F Datasheet HTML 13Page - Tyco Electronics ASMD030F Datasheet HTML 14Page - Tyco Electronics ASMD030F Datasheet HTML 15Page - Tyco Electronics ASMD030F Datasheet HTML 16Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
184
RoHS Compliant, ELV Compliant
12
Table A4 Dimensions for Automotive Devices in Millimeters (Inches)
Cont’d
BD
14V — Bladed Device
BD280-1130-10/16
29.50 30.10
8.70
9.30
10.75 11.25
6.05
6.65
2.55
3.05
3.30
3.90
3.40
4.00
1.70
2.30
10.90 11.50
A13
(1.173) (1.185) (0.343) (0.366) (0.423) (0.443) (0.238) (0.262) (0.100) (0.120) (0.130) (0.154) (0.134) (0.157) (0.067) (0.091) (0.429) (0.453)
BD280-1130-15/16
29.50 30.10
8.70
9.30
10.75 11.25
6.05
6.65
2.55
3.05
3.30
3.90
3.40
4.00
1.70
2.30
10.90 11.50
A13
(1.173) (1.185) (0.343) (0.366) (0.423) (0.443) (0.238) (0.262) (0.100) (0.120) (0.130) (0.154) (0.134) (0.157) (0.067) (0.091) (0.429) (0.453)
BD280-1130-20/16
29.50 30.10
8.70
9.30
10.75 11.25
6.05
6.65
2.55
3.05
3.30
3.90
3.40
4.00
1.70
2.30
10.90 11.50
A13
(1.173) (1.185) (0.343) (0.366) (0.423) (0.443) (0.238) (0.262) (0.100) (0.120) (0.130) (0.154) (0.134) (0.157) (0.067) (0.091) (0.429) (0.453)
BD280-1927-25/16-W
26.65 27.35
8.60
9.20
10.75 11.25
6.05
6.65
2.55
3.05
1.80
2.20
3.50
3.90
1.70
2.30
19.00 19.40
A14
(1.049) (1.077) (0.339) (0.362) (0.423) (0.443) (0.238) (0.262) (0.100) (0.120) (0.071) (0.087) (0.138) (0.154) (0.067) (0.091) (0.748) (0.764)
BD280-1927-30/16-W
26.65 27.35
8.60
9.20
10.75 11.25
6.05
6.65
2.55
3.05
1.80
2.20
3.50
3.90
1.70
2.30
19.00 19.40
A14
(1.049) (1.077) (0.339) (0.362) (0.423) (0.443) (0.238) (0.262) (0.100) (0.120) (0.071) (0.087) (0.138) (0.154) (0.067) (0.091) (0.748) (0.764)
Part Number
A
Min. Max.
Figure
B
Min. Max.
C
Min. Max.
D
Min. Max.
E(x2)
Min. Max.
F
Min. Max.
G
Min. Max.
H
Min. Max.
I
Min. Max.
miniASMDC
16-60V — Surface-mount
miniASMDC010F
4.37
4.73
0.635
0.89
3.07
3.41
0.25
0.95
0.20
A15
(0.172)
(0.186)
(0.025)
(0.035)
(0.121)
(0.134)
(0.010)
(0.040)
(0.008)
miniASMDC014F
4.37
4.73
0.635
0.89
3.07
3.41
0.25
0.95
0.20
A15
(0.172)
(0.186)
(0.025)
(0.035)
(0.121)
(0.134)
(0.010)
(0.040)
(0.008)
miniASMDC020F
4.37
4.73
0.635
0.89
3.07
3.41
0.25
0.95
0.20
A15
(0.172)
(0.186)
(0.025)
(0.035)
(0.121)
(0.134)
(0.010)
(0.040)
(0.008)
miniASMDC030F
4.37
4.73
0.635
0.89
3.07
3.41
0.25
0.95
0.20
A15
(0.172)
(0.186)
(0.025)
(0.035)
(0.121)
(0.134)
(0.010)
(0.040)
(0.008)
miniASMDC050F
4.37
4.73
0.38
0.62
3.07
3.41
0.25
0.95
0.20
A15
(0.172)
(0.186)
(0.015)
(0.025)
(0.121)
(0.134)
(0.010)
(0.040)
(0.008)
miniASMDC075F/24
4.37
4.83
0.81
1.46
3.07
3.41
0.25
0.95
0.20
A15
(0.172)
(0.190)
(0.032)
(0.057)
(0.121)
(0.134)
(0.010)
(0.040)
(0.008)
miniASMDC110F/16
4.37
4.83
0.28
0.48
3.07
3.41
0.25
0.95
0.20
A15
(0.172)
(0.190)
(0.011)
(0.019)
(0.121)
(0.134)
(0.010)
(0.040)
(0.008)
miniASMDC110F/24
4.37
4.83
0.81
1.46
3.07
3.41
0.25
0.95
0.20
A15
(0.172)
(0.190)
(0.032)
(0.057)
(0.121)
(0.134)
(0.010)
(0.040)
(0.008)
miniASMDC125F/16
4.37
4.83
0.28
0.48
3.07
3.41
0.25
0.95
0.20
A15
(0.172)
(0.190)
(0.011)
(0.019)
(0.121)
(0.134)
(0.010)
(0.040)
(0.008)
miniASMDC150F/16
4.37
4.83
0.28
0.48
3.07
3.41
0.25
0.95
0.20
A15
(0.172)
(0.190)
(0.011)
(0.019)
(0.121)
(0.134)
(0.010)
(0.040)
(0.008)
miniASMDC150F/24
4.37
4.83
1.00
1.94
3.07
3.41
0.25
0.95
0.20
A15
(0.172)
(0.190)
(0.040)
(0.077)
(0.121)
(0.134)
(0.010)
(0.040)
(0.008)
miniASMDC260F/16
4.37
4.83
1.02
1.52
3.07
3.41
0.25
0.95
0.20
A15
(0.172)
(0.190)
(0.042)
(0.060)
(0.121)
(0.134)
(0.010)
(0.040)
(0.008)
Part Number
A
Min.
Max.
Figure
B
Min.
Max.
C
Min.
Max.
D
Min.
Max.
E
Min.
Max.
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com