Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMD075F Datasheet(PDF) 11 Page - Tyco Electronics

Part # ASMD075F
Description  PolySwitch Resettable Devices
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ASMD075F Datasheet(HTML) 11 Page - Tyco Electronics

Back Button ASMD075F Datasheet HTML 7Page - Tyco Electronics ASMD075F Datasheet HTML 8Page - Tyco Electronics ASMD075F Datasheet HTML 9Page - Tyco Electronics ASMD075F Datasheet HTML 10Page - Tyco Electronics ASMD075F Datasheet HTML 11Page - Tyco Electronics ASMD075F Datasheet HTML 12Page - Tyco Electronics ASMD075F Datasheet HTML 13Page - Tyco Electronics ASMD075F Datasheet HTML 14Page - Tyco Electronics ASMD075F Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
183
RoHS Compliant, ELV Compliant
12
AHS (High Temperature)
16V — Surface-mount
AHS080-2018
4.72
5.44
—
1.52
4.22
4.93
0.25
0.36
0.25
0.36
0.30
0.46
——
—
—
A6
(0.186) (0.214)
(0.060) (0.166) (0.194) (0.010) (0.014) (0.010) (0.014) (0.012) (0.018)
AHS160
8.00
9.40
—
3.00
6.0
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
—
A7
(0.315) (0.370)
(0.118) (0.24) (0.264) (0.022) (0.028) (0.022) (0.028) (0.145) (0.155) (0.026) (0.054) (0.017)
AHS200
8.00
9.40
—
3.00
6.0
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
—
A7
(0.315) (0.370)
(0.118) (0.240) (0.264) (0.022) (0.028) (0.022) (0.028) (0.145) (0.155) (0.026) (0.054) (0.017)
AHS300
8.00
9.40
—
3.00
6.0
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
—
A7
(0.315) (0.370)
(0.118) (0.240) (0.264) (0.022) (0.028) (0.022) (0.028) (0.145) (0.155) (0.026) (0.054) (0.017)
ASMD
16-60V — Surface-mount
ASMD030F
6.73
7.98
—
3.18
4.8
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
—
A7
(0.265) (0.314)
(0.125) (0.19) (0.214) (0.022) (0.028) (0.022) (0.028) (0.085) (0.095) (0.026) (0.054) (0.017)
ASMD050F
6.73
7.98
—
3.18
4.8
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
—
A7
(0.265) (0.314)
(0.125) (0.19) (0.214) (0.022) (0.028) (0.022) (0.028) (0.085) (0.095) (0.026) (0.054) (0.017)
ASMD075F
6.73
7.98
—
3.18
4.8
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
—
A7
(0.265) (0.314)
(0.125) (0.19) (0.214) (0.022) (0.028) (0.022) (0.028) (0.085) (0.095) (0.026) (0.054) (0.017)
ASMD100F
6.73
7.98
—
3.00
4.8
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
—
A7
(0.265) (0.314)
(0.118) (0.19) (0.214) (0.022) (0.028) (0.022) (0.028) (0.085) (0.095) (0.026) (0.054) (0.017)
ASMD125F
6.73
7.98
—
3.00
4.8
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
—
A7
(0.265) (0.314)
(0.118) (0.19) (0.214) (0.022) (0.028) (0.022) (0.028) (0.085) (0.095) (0.026) (0.054) (0.017)
ASMD150F
8.00
9.40
—
3.00
6.0
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
—
A7
(0.315) (0.370)
(0.118) (0.24) (0.264) (0.022) (0.028) (0.022) (0.028) (0.145) (0.155) (0.026) (0.054) (0.017)
ASMD185F
8.00
9.40
—
3.00
6.0
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
—
A7
(0.315) (0.370)
(0.118) (0.24) (0.264) (0.022) (0.028) (0.022) (0.028) (0.145) (0.155) (0.026) (0.054) (0.017)
ASMD200F
8.00
9.40
—
3.00
6.0
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
—
A7
(0.315) (0.370)
(0.118) (0.24) (0.264) (0.022) (0.028) (0.022) (0.028) (0.145) (0.155) (0.026) (0.054) (0.017)
ASMD250F
8.00
9.40
—
3.00
6.0
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
—
A7
(0.315) (0.370)
(0.118) (0.24) (0.264) (0.022) (0.028) (0.022) (0.028) (0.145) (0.155) (0.026) (0.054) (0.017)
Part Number
A
Min.
Max.
Figure
B
Min.
Max.
C
Min.
Max.
D
Min.
Max.
E
Min.
Max.
F
Min.
Max.
G
Min.
Max.
H
Min.
Max.
Table A4 Dimensions for Automotive Devices in Millimeters (Inches)
Cont’d
nanoASMDC
30V — Surface-mount
nanoASMDC012F
3.00
3.40
0.62
1.00
1.37
1.80
0.25
0.75
0.076
—
A15
(0.118)
(0.134)
(0.024)
(0.039)
(0.054)
(0.071)
(0.010)
(0.030)
(0.003)
—
nanoASMDC016F
3.00
3.40
0.62
1.00
1.37
1.80
0.25
0.75
0.076
—
A15
(0.118)
(0.134)
(0.024)
(0.039)
(0.054)
(0.071)
(0.010)
(0.030)
(0.003)
—
nanoASMDC020F
3.00
3.40
0.58
0.82
1.37
1.80
0.25
0.75
0.076
—
A15
(0.118)
(0.134)
(0.023)
(0.032)
(0.054)
(0.071)
(0.010)
(0.030)
(0.003)
—
nanoASMDC035F
3.00
3.40
0.58
0.82
1.37
1.80
0.25
0.75
0.076
—
A15
(0.118)
(0.134)
(0.023)
(0.032)
(0.054)
(0.071)
(0.010)
(0.030)
(0.003)
—
microASMD
30V — Surface-mount
microASMD005F
3.0
3.43
0.50
0.85
2.35
2.80
0.25
0.75
0.076
—
A15
(0.118)
(0.135)
(0.019)
(0.034)
(0.092)
(0.110)
(0.010)
(0.030)
(0.003)
—
microASMD010F
3.0
3.43
0.50
0.85
2.35
2.80
0.25
0.75
0.076
—
A15
(0.118)
(0.135)
(0.019)
(0.034)
(0.092)
(0.110)
(0.010)
(0.030)
(0.003)
—
Part Number
A
Min.
Max.
Figure
B
Min.
Max.
C
Min.
Max.
D
Min.
Max.
E
Min.
Max.
NEW
NEW
NEW
NEW
NEW
NEW
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com