Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSSSJ Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # TPSSSJ
Description  Joint a rotule Tara Plus
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

TPSSSJ Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  TPSSSJ Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part No.
R149-005-000
Joint à rotule Tara Plus
Convient à un tube rectangulaire de 60 x 40 mm parallèle à sa surface
de montage.
Aluminium moulé sous pression G Al Si 12.
Limiteur de mouvement intégré.
Paliers sans entretien.
Pivote sur 300°.
Vis de réglage (vis rouges).
Accessible depuis le dessus.
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.


Similar Part No. - TPSSSJ

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
TPSSST HAMMOND-TPSSST Datasheet
66Kb / 1P
Tube de suspension Tara Plus
More results

Similar Description - TPSSSJ

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
HDSSSJ HAMMOND-HDSSSJ Datasheet
85Kb / 1P
Joint a rotule robuste
TPSS HAMMOND-TPSS Datasheet
118Kb / 2P
Systeme de suspension Tara Plus
TPSSB48 HAMMOND-TPSSB48 Datasheet
73Kb / 1P
Base 48 Tara Plus
TPSSB70 HAMMOND-TPSSB70 Datasheet
72Kb / 1P
Base 70 Tara Plus
TPSSC HAMMOND-TPSSC Datasheet
98Kb / 1P
Raccord Tara Plus
TPSSEC HAMMOND-TPSSEC Datasheet
70Kb / 1P
Raccord coude Tara Plus
TPSSIJ HAMMOND-TPSSIJ Datasheet
78Kb / 1P
Joint intermediaire Tara Plus
TPSSTC HAMMOND-TPSSTC Datasheet
77Kb / 1P
Raccord basculant Tara Plus
TPSSVWJ HAMMOND-TPSSVWJ Datasheet
92Kb / 1P
Joint mural vertical Tara Plus
TPSSWJ HAMMOND-TPSSWJ Datasheet
74Kb / 1P
Joint mural Tara Plus
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com