Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP31 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # TIP31
Description  Complementary Silicon Power Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

TIP31 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  TIP31 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd TIP31 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd TIP31 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd TIP31 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd TIP31 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
APPLICATIONS
SEMICONDUCTOR
RoHS
RoHS
Complementary Silicon Power Transistor
Nell High Power Products
TIP31 (NPN) Series
TIP32 (PNP) Series
ABSOLUTE MAXIMUM RATINGS (T = 25°C)
C
UNIT
V
PC
Tstg
PARAMETER
Collector to emitter voltage (I = 0)
B
ºC
5
3
Collector current
Base current
Collector power dissipation
(Derate above 25
°C)
Junction temperature
40
40 (0.32)
1
VALUE
40
VCBO
Tj
-65 to 150
150
A
Collector to base voltage (I = 0)
E
Emitter to base voltage (I = 0)
C
SYMBOL
VCEO
VEBO
IC
IB
Storage temperature
W(W/
°C)
Page 1 of 5
www.nellsemi.com
TO-220AB
5
Collector peak current (t < 5mS)
p
ICM
C
B
E
C
B
E
TIP32(PNP)
TIP31(NPN)
Complementary NPN-PNP transistors
Low collector-emitter saturation voltage
Satisfactory linearity of foward current
transfer ratio hFE
TO-220AB package which can be installed
to the heat sink with one screw
Audio amplifier
General purpose switching and amplifier
3A/40~100V/40W
Collector - Emitter Saturation Voltage:
V
= 1.2V
(MAX.) @ I = 3A
CE(sat)
dc
C
Collector - Emitter Saturation Voltage:
V
= 40V
(Min.) - TIP31,TIP32
CEO(sus)
dc
= 60V
(Min.) - TIP31A,TIP32A
dc
= 80V
(Min.) - TIP31B, TIP32B
dc
= 100V
(Min.) - TIP31C, TIP32C
dc
DC Current Gain h
= 25 (Min.) @ I = 1.0A
FE
c
High Current Gain - Bandwidth product
f = 3.0 MHz (Min.) @ I =0.5A
T
c
TIP31
TIP32
TIP31A
TIP32A
TIP31B
TIP32B
TIP31C
TIP32C
60
60
80
80
100
100
32
mJ
E
Unclamped inductive load energy (Note 1)
Note: 1. This rating is based on the capability of the transistor to operate safely is a circuit of:
I = 1.8A, L = 20mH, R
= 100Ω, P.R.F = 10Hz, V
= 20V
C
BE
CC
2.0 (0.016)
@T = 25
°C
C
@T = 25
°C
A
B
E
C
C


Similar Part No. - TIP31

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP31 MOSPEC-TIP31 Datasheet
192Kb / 4P
POWER TRANSISTORS(3A,40-100V,40W)
logo
Power Innovations Ltd
TIP31 POINN-TIP31 Datasheet
86Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Samsung semiconductor
TIP31 SAMSUNG-TIP31 Datasheet
220Kb / 6P
NPN (MEDIUM POWER LINEAR SWITCHING APPLICATIONS)
logo
Fairchild Semiconductor
TIP31 FAIRCHILD-TIP31 Datasheet
37Kb / 4P
Medium Power Linear Switching Applications
logo
Boca Semiconductor Corp...
TIP31 BOCA-TIP31 Datasheet
25Kb / 2P
General Purpose Amplifier and Switching Applications
More results

Similar Description - TIP31

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CJD200 CENTRAL-CJD200 Datasheet
486Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
CJD2955 CENTRAL-CJD2955 Datasheet
542Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
CJD340 CENTRAL-CJD340 Datasheet
453Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
2N6726 CENTRAL-2N6726 Datasheet
63Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTOR
CJD41C CENTRAL-CJD41C Datasheet
126Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
CJD32C CENTRAL-CJD32C Datasheet
126Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
logo
STMicroelectronics
BD243C STMICROELECTRONICS-BD243C Datasheet
78Kb / 8P
COMPLEMENTARY SILICON POWER TRANSISTOR
13-Sep-2005
TIP41A STMICROELECTRONICS-TIP41A_05 Datasheet
205Kb / 10P
COMPLEMENTARY SILICON POWER TRANSISTOR
27-Oct-2005
logo
ON Semiconductor
D45C12 ONSEMI-D45C12 Datasheet
78Kb / 3P
Complementary Silicon Power Transistor
November, 2007 - Rev. 2
logo
New Jersey Semi-Conduct...
2N6714 NJSEMI-2N6714 Datasheet
48Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com