Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1124NL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # T1124NL
Description  T1/E1/CEPT/ISDN-PRI TRANSFORMERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

T1124NL Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  T1124NL Datasheet HTML 1Page - Pulse A Technitrol Company T1124NL Datasheet HTML 2Page - Pulse A Technitrol Company T1124NL Datasheet HTML 3Page - Pulse A Technitrol Company T1124NL Datasheet HTML 4Page - Pulse A Technitrol Company T1124NL Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.pulseeng.com
2
T622.J (11/09)
Notes from Electrical Specifications Table
A. OCL (primary inductance) is measured at the primary winding. Turns ratio is
specified primary: secondary. (CT = Center Tap).
B. To make a 1CT:1 ratio from a 1CT:2CT ratio, use only one-half of the secondary
(2CT) winding.
C. It is possible to use the same transformer model for the three impedance levels
of T1 (100 W) and CEPT (75
Ω & 120 Ω). For specific connection information and
resistor values, refer to IC vendor’s data book.
D. Dual Ratio Transformer (T1071NL and T1145NL) — These transformers have
tapped secondary windings to provide two turns ratios (T/R). Use the entire
primary winding and connect the secondary pins listed below to obtain desired
turns ratio:
Part
Number
Turns
Ratio 1
Secondary
Pins
Turns
Ratio 2
Secondary
Pins
1:1
40-39
1:1.26
40-38
T1071NL
1:1
35-34
1:1.26
35-33
1:1
30-29
1:1.26
30-28
1:1
25-24
1:1.26
25-23
1:2
40-39
1:2.4
40-38
T1145NL
1:2
33-32
1:2.4
33-31
1:2
30-29
1:2.4
30-28
1:2
23-22
1:2.4
23-21
E. Standard packaging for the surface mount package is anti-static tubes. Optional
Tape & Reel packaging can be ordered by adding a “T” suffix to the part
number, (i.e. T1063NLT).
F. Extended Temperature Range Models — For extended temperature range
transformers (-40°C to +85°C operating temperature range), OCL (Open Circuit
Inductance) for the primary winding) is specified at both -40°C and +25°C. At
-40°C, OCL is 600 µH minimum. All other parameters are specified at +25°C
only. Standard temperature range is 0°C to +70°C
Transformer Selection Guide
IC Mfr.
IC Part Number
Comments
Octal SMT
STD Temp
EXT Temp
Mindspeed
BT8510
T1/E1
T1071NL
—
(Conexant)
BT8510
T1/E1
T1071NL
—
CN8380
T1124NL
T1114NL
Cirrus Logic
61318
120 E1
T1068NL
T1108NL
(Crystal)
61577
T1 & E1
T1065NL
T1105NL
61304A/5A/535A/574A,/75
75 E1
T1068NL
T1108NL
61304A/5A/535A/574A,/75
120 E1
T1071NL
—
61582, 61583
T1064NL
—
61310, 61581
T1068NL
T1108NL
61584/84A
IQ3
T1065NL
T1105NL
61584/82/83/A
IQ5
T1064NL
—
Maxim
DS2196
T1068NL
T1108NL
(Dallas)
DS2148/Q48
3V
T1068NL
T1108NL
DS21352/Q352,DS21354/Q354
T1068NL
T1108NL
Exar
T5683A, 59L91
T1065NL
T1105NL
T5894,T5897,T5997
T1065NL
T1105NL
T5791/93/94/95
T1071NL
—
83L30/34/38
T1065NL
T1105NL
Infineon
PEB 22504
3.3V
T1142NL
T1231NL
Technologies
PEB22554
3.3V
T1142NL
T1231NL
(Siemens)
PEB2256 3.3 V
E1/T1/J1
T1142NL
T1231NL
Intel
LXT 300/301
T1065NL
T1105NL
(Level One)
LXT 304/305/307
T1,E1
T1065NL
T1105NL
LXT 304/305/307
75 E1,120E1
T1071NL
—
LXT 310/317/318
T1068NL
T1108NL
LXT 331
T1,E1
T1068NL
T1108NL
LXT 331, LXT 332
T1065NL
T1105NL
LXT 334, LXT 335
T1/E1
T1065NL
T1105NL
LXT 334, LXT 335
75 E1
T1071NL
—
LXT 336
T1065NL
T1105NL
LXT 350, LXT 351, LXT 359
T1,E1
T1068NL
T1108NL
LXT 360/361/362/363
T1,E1
T1068NL
T1108NL
LXT 380/381/384/386/388
T1/E1
T1068NL
T1108NL
LXT 380/381/384/386/388
T1/E1
T1124NL
T1114NL
LXT 3104, LXT 3108
T1068NL
T1108NL
Lucent
T7688, T7690, T7698
CEPT
T1063NL
—
Technologies
T7689, T7690, T7698
DS1
T1064NL
—
TLIU04C1
DS1
T1064NL
—
TLIU04C1
CEPT
T1063NL
—
Zarlink
MT9076, MT9075
T1142NL
T1231NL
(Mitel)
MT9074, MT9075
T1068NL
T1108NL
PMC Sierra
PM4318
T1065NL
T1105NL
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
Quad Port T1/E1 with 8 Transformers, 1500 Vrms
TOU
Schematics
USA 858 674 8100 • Germany 49 7032 7806 0 • Singapore 65 6287 8998 • Shanghai 86 21 62787060 • China 86 755 33966678 • Taiwan 886 3 4643715



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com