Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP42 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # TIP42
Description  Complementary Silicon Power Transistor 6A/40~100V/65W
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

TIP42 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  TIP42 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd TIP42 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd TIP42 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd TIP42 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd TIP42 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
APPLICATIONS
SEMICONDUCTOR
RoHS
RoHS
Complementary Silicon Power Transistor
Nell High Power Products
TIP41 (NPN) Series
TIP42 (PNP) Series
ABSOLUTE MAXIMUM RATINGS (T = 25°C)
C
UNIT
V
PC
Tstg
PARAMETER
Collector to emitter voltage (I = 0)
B
ºC
5
6
Collector current
Base current
Collector power dissipation
(Derate above 25
°C)
Junction temperature
40
65 (0.52)
2
VALUE
40
VCBO
Tj
-65 to 150
150
A
Collector to base voltage (I = 0)
E
Emitter to base voltage (I = 0)
C
SYMBOL
VCEO
VEBO
IC
IB
Storage temperature
W(W/
°C)
Page 1 of 5
www.nellsemi.com
10
Collector peak current (t < 0.3mS)
p
ICM
C
B
E
C
B
E
TIP42(PNP)
TIP41(NPN)
Complementary NPN-PNP transistors
Low collector-emitter saturation voltage
Satisfactory linearity of foward current
transfer ratio hFE
TO-220AB package which can be installed
to the heat sink with one screw
Audio amplifier
General purpose switching and amplifier
6A/40~100V/65W
Collector - Emitter Saturation Voltage:
V
= 1.5V
(MAX.) @ I = 6A
CE(sat)
dc
C
Collector - Emitter Saturation Voltage:
V
= 40V
(Min.) - TIP41,TIP42
CEO(sus)
dc
= 60V
(Min.) - TIP41A,TIP42A
dc
= 80V
(Min.) - TIP41B, TIP42B
dc
= 100V
(Min.) - TIP41C, TIP42C
dc
DC Current Gain h
= 30 (Min.) @ I = 0.3A
FE
c
High Current Gain - Bandwidth product
f = 3.0 MHz (Min.) @ I =0.5A
T
c
TIP41
TIP42
TIP
A
TIP
A
41
42
TIP
B
TIP
B
41
42
TIP
C
TIP
C
41
42
60
60
80
80
100
100
62.5
mJ
E
Unclamped inductive load energy (Note 1)
Note: 1. This rating is based on the capability of the transistor to operate safely is a circuit of:
I = 2.5A, L = 20mH, R
= 100Ω, P.R.F. = 10 Hz, V
= 10V
C
BE
CC
2.0 (0.016)
@T = 25
°C
C
@T = 25
°C
A
TO-220AB
B
E
C
C
THERMAL CHARACTERISTICS (T = 25°C)
C
UNIT
PARAMETER
VALUE
SYMBOL
Rth(j-c)
Maximum thermal resistance, junction to case
1.67
Rth(j-a)
Maximum thermal resistance, junction to ambient
ºC/W
ºC/W
57


Similar Part No. - TIP42

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP42 MOSPEC-TIP42 Datasheet
189Kb / 4P
POWER TRANSISTORS(6A,40-100V,65W)
logo
Power Innovations Ltd
TIP42 POINN-TIP42 Datasheet
86Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
Wing Shing Computer Com...
TIP42 WINGS-TIP42 Datasheet
22Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR(MEDIUM POWER LINEAR SWITCHING APPLICATIONS)
logo
Samsung semiconductor
TIP42 SAMSUNG-TIP42 Datasheet
179Kb / 5P
PNP (MEDIUM POWER LINEAR SWITCHING APPLICATIONS)
logo
Fairchild Semiconductor
TIP42 FAIRCHILD-TIP42 Datasheet
36Kb / 4P
Medium Power Linear Switching Applications
More results

Similar Description - TIP42

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BD243 MOSPEC-BD243 Datasheet
127Kb / 3P
POWER TRANSISTORS(6A,65W)
TIP120 MOSPEC-TIP120 Datasheet
206Kb / 4P
POWER TRANSISTORS(5.0A,60-100V,65W)
TIP41 MOSPEC-TIP41 Datasheet
189Kb / 4P
POWER TRANSISTORS(6A,40-100V,65W)
TIP41D MOSPEC-TIP41D Datasheet
173Kb / 4P
POWER TRANSISTORS(6A,120-160V,65W)
logo
Central Semiconductor C...
CJD200 CENTRAL-CJD200 Datasheet
486Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
CJD340 CENTRAL-CJD340 Datasheet
453Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
CJD32C CENTRAL-CJD32C Datasheet
126Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
logo
STMicroelectronics
BD243C STMICROELECTRONICS-BD243C Datasheet
78Kb / 8P
COMPLEMENTARY SILICON POWER TRANSISTOR
13-Sep-2005
logo
Nell Semiconductor Co.,...
TIP31 NELLSEMI-TIP31 Datasheet
261Kb / 5P
Complementary Silicon Power Transistor
TIP35 NELLSEMI-TIP35 Datasheet
246Kb / 3P
Complementary Silicon Power Transistor 25A/40~100V/125W
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com