Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3000P100 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # LP3000P100
Description  PACKAGED 2W POWER PHEMT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

LP3000P100 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  LP3000P100 Datasheet HTML 1Page - Filtronic Compound Semiconductors LP3000P100 Datasheet HTML 2Page - Filtronic Compound Semiconductors LP3000P100 Datasheet HTML 3Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LP3000P100
PACKAGED 2W POWER PHEMT
Phone:
(408) 988-1845
http://
www.filss.com
Revised:
1/20/01
Fax:
(408) 970-9950
Email:
sales@filss.com
• FEATURES
♦ 33 dBm Output Power at 1-dB Compression at 15 GHz
♦ 8 dB Power Gain at 15 GHz
♦ 60% Power-Added Efficiency
• DESCRIPTION AND APPLICATIONS
The LP3000P100 is a packaged Aluminum Gallium Arsenide / Indium Gallium Arsenide
(AlGaAs/InGaAs) pseudomorphic High Electron Mobility Transistor (pHEMT). It utilizes a
0.25
µm x 3000 µm Schottky barrier gate, defined by electron-beam photolithography. The recessed
“mushroom” gate structure minimizes parasitic gate-source and gate resistance.
The epitaxial
structure and processing have been optimized for reliable high-power applications. The LP3000 also
features Si3N4 passivation and is available in die form or in other packages.
The LP3000P100 is designed for medium-power, linear amplification. This device is suitable for
applications in commercial and military environments, and it is appropriate to be used as a medium
power transistor in SATCOM uplink transmitters, medium-haul digital radio transmitters, PCS high
efficiency amplifiers, and WLL systems.
• ELECTRICAL SPECIFICATIONS @ T
Ambient = 25 °
°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Saturated Drain-Source Current
IDSS
VDS = 2 V; VGS = 0 V
800
975
1100
mA
Power at 1-dB Compression
P-1dB
VDS = 8 V; IDS = 50% IDSS
31.5
33
dBm
Power Gain at 1-dB Compression
G-1dB
VDS = 8 V; IDS = 50% IDSS
7
8
dB
Power-Added Efficiency
PAE
VDS = 8 V; IDS = 50% IDSS;
PIN = 17 dBm
45
%
Maximum Drain-Source Current
IMAX
VDS = 2 V; VGS = 1 V
1700
mA
Transconductance
GM
VDS = 2 V; VGS = 0 V
700
900
mS
Gate-Source Leakage Current
IGSO
VGS = -5 V
15
130
µA
Pinch-Off Voltage
VP
VDS = 2 V; IDS = 5 mA
-0.25
-1.2
-2.0
V
Gate-Source Breakdown
Voltage Magnitude
|VBDGS|
IGS = 8 mA
-12
-15
V
Gate-Drain Breakdown
Voltage Magnitude
|VBDGD|
IGD = 8 mA
-12
-16
V
frequency=15 GHz


Similar Part No. - LP3000P100

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LP3000 FILTRONIC-LP3000 Datasheet
44Kb / 2P
2 W POWER PHEMT
LP3000 FILTRONIC-LP3000 Datasheet
49Kb / 2P
2W Power PHEMT
LP3000SOT89 FILTRONIC-LP3000SOT89 Datasheet
44Kb / 3P
LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
LP3000SOT89-1 FILTRONIC-LP3000SOT89-1 Datasheet
44Kb / 3P
LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
LP3000SOT89-2 FILTRONIC-LP3000SOT89-2 Datasheet
44Kb / 3P
LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
More results

Similar Description - LP3000P100

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LP6836SOT343 FILTRONIC-LP6836SOT343 Datasheet
67Kb / 2P
PACKAGED MEDIUM POWER PHEMT
LPV3000 FILTRONIC-LPV3000 Datasheet
49Kb / 2P
2W Power PHEMT
logo
List of Unclassifed Man...
TC3967 ETC1-TC3967 Datasheet
25Kb / 1P
2W Packaged Self-Bias PHEMT GaAs Power FETs
logo
Filtronic Compound Semi...
FPD2000AS FILTRONIC-FPD2000AS Datasheet
281Kb / 7P
2W PACKAGED POWER PHEMT
FPD2000V FILTRONIC-FPD2000V Datasheet
510Kb / 3P
2W POWER PHEMT
FPD3000 FILTRONIC-FPD3000 Datasheet
183Kb / 2P
2W POWER PHEMT
FPD3000P100 FILTRONIC-FPD3000P100 Datasheet
182Kb / 3P
2W PACKAGED POWER PHEMT
FPD3000 FILTRONIC-FPD3000_1 Datasheet
168Kb / 3P
2W POWER PHEMT
FPD2000AS FILTRONIC-FPD2000AS_1 Datasheet
381Kb / 10P
2W PACKAGED POWER PHEMT
logo
RF Micro Devices
FPD3000 RFMD-FPD3000 Datasheet
243Kb / 4P
2W POWER pHEMT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com